Electronic Components Datasheet Search
  English  ▼

X  

REF6145 Datasheet(PDF) 18 Page - Texas Instruments

Part # REF6145
Description  REF61xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button REF6145 Datasheet HTML 14Page - Texas Instruments REF6145 Datasheet HTML 15Page - Texas Instruments REF6145 Datasheet HTML 16Page - Texas Instruments REF6145 Datasheet HTML 17Page - Texas Instruments REF6145 Datasheet HTML 18Page - Texas Instruments REF6145 Datasheet HTML 19Page - Texas Instruments REF6145 Datasheet HTML 20Page - Texas Instruments REF6145 Datasheet HTML 21Page - Texas Instruments REF6145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
40 mF
22 F
1 k
10 k
100
REF61xx
VIN
EN
GND
OUT_F
2-Pole High-Pass
4-Pole Low-Pass
0.1-Hz to 10-Hz Filter
To Scope
0.1 F
OUT_S
GND_F
GND_S
+
Copyright © 2016, Texas Instruments Incorporated
Power
Supply
Time (2 s/div)
C021
18
REF6125, REF6130, REF6133, REF6141, REF6145, REF6150
SBOS747B – MAY 2016 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: REF6125 REF6130 REF6133 REF6141 REF6145 REF6150
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.4 1/f Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise for the REF6125 is shown in Figure 47. The 1/f noise scales with output
voltage, but remains 3 µVPP/V for all the variants. Peak-to-peak noise measurement setup is shown in Figure 48.
Figure 47. 0.1-Hz to 10-Hz Noise
Figure 48. 0.1-Hz to 10-Hz Noise Measurement Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com