Electronic Components Datasheet Search
  English  ▼

X  

REF3133AIDBZR Datasheet(PDF) 5 Page - Texas Instruments

Part # REF3133AIDBZR
Description  REF31xx 15ppm/°C Maximum, 100-μA, SOT-23 Series Voltage Reference
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3133AIDBZR Datasheet(HTML) 5 Page - Texas Instruments

  REF3133AIDBZR Datasheet HTML 1Page - Texas Instruments REF3133AIDBZR Datasheet HTML 2Page - Texas Instruments REF3133AIDBZR Datasheet HTML 3Page - Texas Instruments REF3133AIDBZR Datasheet HTML 4Page - Texas Instruments REF3133AIDBZR Datasheet HTML 5Page - Texas Instruments REF3133AIDBZR Datasheet HTML 6Page - Texas Instruments REF3133AIDBZR Datasheet HTML 7Page - Texas Instruments REF3133AIDBZR Datasheet HTML 8Page - Texas Instruments REF3133AIDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
REF3112, REF3120, REF3125
REF3130, REF3133, REF3140
www.ti.com
SBVS046D – DECEMBER 2003 – REVISED MARCH 2016
Product Folder Links: REF3112 REF3120 REF3125 REF3130 REF3133 REF3140
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, ILOAD = 0 mA, and VIN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(2)
Box Method used to determine temperature drift.
(3)
Typical value of load regulation reflects measurements using force and sense contacts; see Load Regulation.
(4)
Thermal hysteresis is explained in more detail in Application and Implementation of this data sheet.
REF3120 — 2.048 V
VOUT
Output voltage
2.0439
2.048
2.0521
V
Initial accuracy
–0.2%
0.2%
Output voltage noise
f = 0.1Hz to 10Hz
27
μVPP
f = 10Hz to 10kHz
39
μVRMS
REF3125 — 2.5 V
VOUT
Output voltage
2.495
2.5
2.505
V
Initial accuracy
–0.2%
0.2%
Output voltage noise
f = 0.1Hz to 10Hz
33
μVPP
f = 10Hz to 10kHz
48
μVRMS
REF3130 — 3 V
VOUT
Output voltage
2.994
3
3.006
V
Initial accuracy
–0.2%
0.2%
Output voltage noise
f = 0.1Hz to 10Hz
39
μVPP
f = 10Hz to 10kHz
57
μVRMS
REF3133 — 3.3 V
VOUT
Output voltage
3.2934
3.3
3.3066
V
Initial accuracy
–0.2%
0.2%
Output voltage noise
f = 0.1Hz to 10Hz
43
μVPP
f = 10Hz to 10kHz
63
μVRMS
REF3140 — 4.096 V
VOUT
Output voltage
4.0878
4.096
4.1042
V
Initial accuracy
–0.2%
0.2%
Output voltage noise
f = 0.1Hz to 10Hz
53
μVPP
f = 10Hz to 10kHz
78
μVRMS
REF31xx (REF3112, REF3120, REF3125, REF3130, REF3133, REF3140)
dVOUT/dT
Output voltage temperature drift(2)
TA = 0°C to 70°C.
5
15
ppm/°C
TA = –40°C to +125°C .
10
20
Long-term stability
0 to 1000 hours
70
ppm
Line regulation
VREF + 0.05
(1) ≤ V
IN ≤ 5.5V
20
65
ppm/V
dVOUT/dILOAD
Load regulation(3)
Sourcing
0mA < ILOAD < 10mA, VIN = VREF + 250mV
(1)
10
30
µV/mA
Sinking
–10mA < ILOAD < 0mA, VIN = VREF + 100mV
(1)
20
50
dT
Thermal
hysteresis(4)
First Cycle
100
ppm
Additional Cycles
25
VIN – VOUT
Dropout voltage(1)
TA = –40°C to +125°C.
5
50
mV
ILOAD
Output current
–10
10
mA
ISC
Short-circuit current
Sourcing
50
mA
Sinking
40
Turnon settling time
To 0.1% at VIN = +5V with CL = 0μF
400
µs
POWER SUPPLY
VS
Voltage
ILOAD = 0, TA = –40°C to +125°C.
VREF + 0.05
(1)
5.5
V
IQ
Quiescent current
ILOAD = 0, TA = 25°C
100
115
µA
ILOAD = 0, TA = –40°C to +125°C
115
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com