Electronic Components Datasheet Search
  English  ▼

X  

REF5020AID Datasheet(PDF) 31 Page - Texas Instruments

Part # REF5020AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5020AID Datasheet(HTML) 31 Page - Texas Instruments

Back Button REF5020AID Datasheet HTML 27Page - Texas Instruments REF5020AID Datasheet HTML 28Page - Texas Instruments REF5020AID Datasheet HTML 29Page - Texas Instruments REF5020AID Datasheet HTML 30Page - Texas Instruments REF5020AID Datasheet HTML 31Page - Texas Instruments REF5020AID Datasheet HTML 32Page - Texas Instruments REF5020AID Datasheet HTML 33Page - Texas Instruments REF5020AID Datasheet HTML 34Page - Texas Instruments REF5020AID Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, 0.05μV/°C (Maximum), Single-Supply CMOS Zero-Drift Series Operational Amplifier data
sheet
• Texas Instruments, REF5020 PSpice Model
• Texas Instruments, REF5020 TINA-TI Reference Design
• Texas Instruments, REF5020 TINA-TI Spice Model
• Texas Instruments, INA270 PSpice Model
• Texas Instruments, INA270 TINA-TI Reference Design
• Texas Instruments, INA270 TINA-TI Spice Model
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision N (March 2025) to Revision O (October 2025)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Deleted paragraph describing REF50xxEI voltage range.................................................................................. 1
• Updated Table 4-1 REF50xxE information......................................................................................................... 3
• Deleted Product Preview tag from REF5030EID, REF5040EID, and REF5045EID devices............................. 3
• Added Table 4-2 ................................................................................................................................................ 3
• Updated pin information from: REF50xxA to: REF50xxAI..................................................................................4
• Updated pin information from: REF50xxE to: REF50xxEI..................................................................................4
• Updated title from: Electrical Characteristics REF50 to: Electrical Characteristics REF50xxA and REF50xxAI 7
• Changed from: Layout Guidelines to: REF50xxEI Layout Guidelines and REF50xxI, REF50xxAI Layout
Guidelines.........................................................................................................................................................30
Changes from Revision M (December 2024) to Revision N (March 2025)
Page
• Update datasheet header folder link from REF50XX to REF50 and REF50E....................................................1
www.ti.com
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com