Electronic Components Datasheet Search
  English  ▼

X  

REF5045AID Datasheet(PDF) 28 Page - Texas Instruments

Part # REF5045AID
Description  REF50xx Low-Noise, Very Low Drift, Wide VIN Precision Voltage Reference
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF5045AID Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF5045AID Datasheet HTML 24Page - Texas Instruments REF5045AID Datasheet HTML 25Page - Texas Instruments REF5045AID Datasheet HTML 26Page - Texas Instruments REF5045AID Datasheet HTML 27Page - Texas Instruments REF5045AID Datasheet HTML 28Page - Texas Instruments REF5045AID Datasheet HTML 29Page - Texas Instruments REF5045AID Datasheet HTML 30Page - Texas Instruments REF5045AID Datasheet HTML 31Page - Texas Instruments REF5045AID Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
9 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
Data acquisition systems often require stable voltage references to maintain accuracy. The REF50xx family
features low noise, very low drift, and high initial accuracy for high-performance data converters. Figure 9-1
shows the REF5040 in a basic data acquisition system.
9.2 Typical Applications
9.2.1 16-bit, 250KSPS Data Acquisition System
ADS8326
REF5040
OPA365
ESR
47µF
10µF
REFIN
CS
CLK
SDO
1nF
0-4V
124Ÿ
Figure 9-1. Complete Data Acquisition System Using the REF50xx
9.2.1.1 Design Requirements
When using the REF50xx in the design, select a proper output capacitor that does not create gain peaking,
thereby increasing total system noise. At the same time, select a capacitor that provides the required filtering
performance for the system. Add input bypass capacitor and noise reduction capacitors for peak performances.
During the design of the data acquisition system, give equal consideration to the buffering analog input signal
and the reference voltage. Having a properly designed input buffer with an associated RC filter is a necessary
requirement for good performance of the data acquisition system.
9.2.1.2 Detailed Design Procedure
The OPA365 is used to drive the 16-bit analog-to-digital converter (ADS8326). The RC filter at the output of the
OPA365 is used to reduce the charge kick-back created by the opening and closing of the sampling switch inside
the ADC. Design the RC filter such that the voltage at the sampling capacitor settles to 16-bit accuracy within
the acquisition time of the ADC. Verify that the bandwidth of the driving amplifier is at least be four times the
bandwidth of the RC filter.
The REF5040 is used to drive the REF pin of the ADS8326. Proper selection of voltage reference output
capacitor is very important for this design. Very low equivalent series resistance (ESR) creates gain-peaking,
REF50, REF50E
SBOS410O – JUNE 2007 – REVISED OCTOBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF50 REF50E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com