Electronic Components Datasheet Search
  English  ▼

X  

REF3233AIDBVT Datasheet(PDF) 10 Page - Texas Instruments

Part # REF3233AIDBVT
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3233AIDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF3233AIDBVT Datasheet HTML 6Page - Texas Instruments REF3233AIDBVT Datasheet HTML 7Page - Texas Instruments REF3233AIDBVT Datasheet HTML 8Page - Texas Instruments REF3233AIDBVT Datasheet HTML 9Page - Texas Instruments REF3233AIDBVT Datasheet HTML 10Page - Texas Instruments REF3233AIDBVT Datasheet HTML 11Page - Texas Instruments REF3233AIDBVT Datasheet HTML 12Page - Texas Instruments REF3233AIDBVT Datasheet HTML 13Page - Texas Instruments REF3233AIDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
V
=
HYST
V
V
-
PRE
POST
V
NOM
´ 10 (ppm)
6
(
Drift=
V
V
-
OUTMAX
OUTMIN
V
OUT
TempRange
´
´ 10 (ppm)
6
(
1
2
3
6
5
4
R
LOAD
0.47 F
m
+5V
GND_F
ContactandTraceResistance
GND_S
ENABLE
OUT_F
OUT_S
IN
REF32xx
REF3212, REF3220
REF3225, REF3230
REF3233, REF3240
SBVS058C
– JUNE 2005 – REVISED AUGUST 2011
www.ti.com
THERMAL HYSTERESIS
LONG-TERM STABILITY
Thermal hysteresis for the REF32xx is defined as the
Long-term stability refers to the change of the output
change in output voltage after operating the device at
voltage of a reference over a period of months or
+25
°C, cycling the device through the specified
years. This effect lessens as time progresses, as is
temperature range, and returning to +25
°C. It can be
shown by the long-term stability Typical Characteristic
expressed as:
curves. The typical drift value for the REF32xx is
55ppm from 0 to 1000 hours. This parameter is
characterized by measuring 30 units at regular
intervals for a period of 1000 hours.
Where:
LOAD REGULATION
VHYST = thermal hysteresis (in units of ppm).
Load regulation is defined as the change in output
VNOM = the specified output voltage.
voltage as a result of changes in load current. The
VPRE = output voltage measured at +25°C
load regulation of the REF32xx is measured using
pretemperature cycling.
force and sense contacts, as shown in Figure 24.
VPOST = output voltage measured after the device
has
been
cycled
through
the
specified
temperature range of
–40°C to +125°C and
returned to +25
°C.
(1)
TEMPERATURE DRIFT
The REF32xx is designed to exhibit minimal drift
error, which is defined as the change in output
voltage
over
varying
temperature.
The
drift
is
calculated using the box method, as described by
Equation 2:
(2)
The REF32xx features a typical drift coefficient of
4ppm/
°C
from
0
°C
to
+125
°C—the
primary
temperature range for many applications. For the
extended industrial temperature range of
–40°C to
Figure 24. Accurate Load Regulation of REF32xx
+125
°C, the REF32xx family drift increases to a
typical value of 10.5ppm/
°C.
The force and sense lines can be used to effectively
NOISE PERFORMANCE
eliminate the impact of contact and trace resistance,
resulting
in
accurate
voltage
at
the
load.
By
Typical 0.1Hz to 10Hz voltage noise can be seen in
connecting the force and sense lines at the load, the
the Typical Characteristic curve, 0.1Hz to 10Hz
REF32xx compensates for the contact and trace
Voltage Noise. The noise voltage of the REF32xx
resistances because it measures and adjusts the
increases
with
output
voltage
and
operating
voltage actually delivered at the load.
temperature. Additional filtering can be used to
improve output noise levels, although care should be
The GND_S pin is connected to the internal ground of
taken to ensure the output impedance does not
the device through ESD protection diodes. Because
degrade AC performance.
of that connection, the maximum differential voltage
between the GND_S and GND_F pins must be kept
below
200mV
to
prevent
these
dioes
from
unintentionally turning on.
10
Copyright
© 2005–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com