Electronic Components Datasheet Search
  English  ▼

X  

REF3233AIDBVT.B Datasheet(PDF) 16 Page - Texas Instruments

Part # REF3233AIDBVT.B
Description  4ppm/°C, 100μA, SOT23-6 SERIES VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3233AIDBVT.B Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF3233AIDBVT.B Datasheet HTML 12Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 13Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 14Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 15Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 16Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 17Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 18Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 19Page - Texas Instruments REF3233AIDBVT.B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
REF3212AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3212AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3212AIDBVT1G4
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3220AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3220AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3220AIDBVT1G4
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3225AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3225AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3230AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3230AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3233AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3233AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3240AIDBVR
SOT-23
DBV
6
3000
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
REF3240AIDBVT
SOT-23
DBV
6
250
178.0
9.0
3.23
3.17
1.37
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com