Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240DBR Datasheet(PDF) 16 Page - Texas Instruments

Part # SN74AHCT240DBR
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button SN74AHCT240DBR Datasheet HTML 12Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 13Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 14Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 15Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 16Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 17Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 18Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 19Page - Texas Instruments SN74AHCT240DBR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
22-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-9680601Q2A
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9680601Q2A
SNJ54AHCT
240FK
5962-9680601QRA
Active
Production
CDIP (J) | 20
20 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9680601QR
A
SNJ54AHCT240J
5962-9680601QSA
Active
Production
CFP (W) | 20
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-9680601QS
A
SNJ54AHCT240W
SN74AHCT240DBR
Active
Production
SSOP (DB) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240DBR.A
Active
Production
SSOP (DB) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240DGSR
Active
Production
VSSOP (DGS) | 20
5000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240DW
Obsolete
Production
SOIC (DW) | 20
-
-
Call TI
Call TI
-40 to 125
AHCT240
SN74AHCT240DWR
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
AHCT240
SN74AHCT240DWR.A
Active
Production
SOIC (DW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
AHCT240
SN74AHCT240N
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
SN74AHCT240N
SN74AHCT240N.A
Active
Production
PDIP (N) | 20
20 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-40 to 125
SN74AHCT240N
SN74AHCT240NSR
Active
Production
SOP (NS) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
AHCT240
SN74AHCT240NSR.A
Active
Production
SOP (NS) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
AHCT240
SN74AHCT240PW
Obsolete
Production
TSSOP (PW) | 20
-
-
Call TI
Call TI
-40 to 125
HB240
SN74AHCT240PWR
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240PWR.A
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240PWRG4
Active
Production
TSSOP (PW) | 20
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
HB240
SN74AHCT240RKSR
Active
Production
VQFN (RKS) | 20
3000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-40 to 125
AHCT240
SNJ54AHCT240FK
Active
Production
LCCC (FK) | 20
55 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-
9680601Q2A
SNJ54AHCT
240FK
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com