Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240PW Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74AHCT240PW
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74AHCT240PW Datasheet HTML 6Page - Texas Instruments SN74AHCT240PW Datasheet HTML 7Page - Texas Instruments SN74AHCT240PW Datasheet HTML 8Page - Texas Instruments SN74AHCT240PW Datasheet HTML 9Page - Texas Instruments SN74AHCT240PW Datasheet HTML 10Page - Texas Instruments SN74AHCT240PW Datasheet HTML 11Page - Texas Instruments SN74AHCT240PW Datasheet HTML 12Page - Texas Instruments SN74AHCT240PW Datasheet HTML 13Page - Texas Instruments SN74AHCT240PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Input
1.5 V
1.5 V
3 V
0 V
tPLH
tPLH
tPHL
tPHL
In-Phase
Output
Out-of-Phase
Output
VOH
VOL
VOH
VOL
50% VCC
50% VCC
50% VCC
50% VCC
A.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-4. Voltage Waveforms Propagation Delay Times Inverting and Noninverting Outputs
1.5 V
th
1.5 V
1.5 V
0 V
3 V
0 V
3 V
Timing Input
Data Input
1.5 V
tSU
Figure 6-5. Voltage Waveforms Setup And Hold Times
1.5 V
50% VCC
3 V
0 V
§ 9CC
§ 0 V
VOH
VOL
tPLZ
tPHZ
tPZL
tPZH
Output
Control
Output
Waveform 1
(1)
S1 at VCC
Output
Waveform 2
(2)
S1 at GND
1.5 V
VOH ± 0.3 V
50% VCC
VOL + 0.3 V
A.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
B.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C.
The outputs are measured one at a time, with one transition per measurement.
Figure 6-6. Voltage Waveforms Enable And Disable Times Low- and High-Level Enabling
SN54AHCT240, SN74AHCT240
SCLS252P – OCTOBER 1995 – REVISED JANUARY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: SN54AHCT240 SN74AHCT240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com