Electronic Components Datasheet Search
  English  ▼

X  

SN74AHCT240PWR Datasheet(PDF) 28 Page - Texas Instruments

Part # SN74AHCT240PWR
Description  SNx4AHCT240 Octal Inverting Buffers/Drivers With Tri-State Outputs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AHCT240PWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button SN74AHCT240PWR Datasheet HTML 24Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 25Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 26Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 27Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 28Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 29Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 30Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 31Page - Texas Instruments SN74AHCT240PWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
20X (0.6)
20X (0.24)
16X (0.5)
(2.3)
(4.3)
2X (0.95)
(0.76)
(R0.05) TYP
2X (1.31)
VQFN - 1 mm max height
RKS0020A
PLASTIC QUAD FLATPACK - NO LEAD
4222490/B 02/2021
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SYMM
METAL
TYP
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
EXPOSED PAD
83% PRINTED SOLDER COVERAGE BY AREA
SCALE:25X
SYMM
1
2
9
10
11
12
19
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com