Electronic Components Datasheet Search
  English  ▼

X  

STPS340B-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS340B-TR
Description  40 V, 3 A power Schottky rectifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS340B-TR Datasheet(HTML) 4 Page - STMicroelectronics

  STPS340B-TR Datasheet HTML 1Page - STMicroelectronics STPS340B-TR Datasheet HTML 2Page - STMicroelectronics STPS340B-TR Datasheet HTML 3Page - STMicroelectronics STPS340B-TR Datasheet HTML 4Page - STMicroelectronics STPS340B-TR Datasheet HTML 5Page - STMicroelectronics STPS340B-TR Datasheet HTML 6Page - STMicroelectronics STPS340B-TR Datasheet HTML 7Page - STMicroelectronics STPS340B-TR Datasheet HTML 8Page - STMicroelectronics STPS340B-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.5
1.0
1.5
2.0
2.5
P
(W)
F(AV)
T
δ =tp/T
tp
I
(A)
F(AV)
δ = 1
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Figure 2. Average forward current versus ambient
temperature (δ = 0.5) (SMB, SMC, DPAK)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
( A)
F(AV)
T
δ = tP/T
tP
0
25
50
75
100
125
150
Rth(j-a) = Rth(j-c)
Rth(j-a) = 65 °C/W
Tamb(°C)
DPAK
Rth(j-a) = Rth(j-l)
SMB
Rth(j-a) = Rth(j-l)
SMC
Figure 3. Average forward current versus ambient
temperature (δ = 0.5, SMB Flat)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
T
δ = tP/T
tP
0
25
50
75
100
125
150
Rth(j-a) = Rth(j-l)
IF(AV)(A)
Tamb(°C)
Figure 4. Normalized avalanche power derating versus
pulse duration (Tj = 125 °C)
P
(tp)
P
(10 µs)
ARM
ARM
0.001
0.01
0.1
1
1
10
100
1000
t (µs)
p
Figure 5. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMB)
Zth(j-a)/Rth(j-a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
tp(s)
Figure 6. Relative variation of thermal impedance junction
to lead versus pulse duration (SMB flat)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tp(s)
Z
/ R
th(j-l)
th(j-l)
Single pulse
STPS340
Characteristics (curves)
DS0792 - Rev 13
page 4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com