Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDBZR Datasheet(PDF) 12 Page - Texas Instruments

Part # REF3333AIDBZR
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDBZR Datasheet(HTML) 12 Page - Texas Instruments

Back Button REF3333AIDBZR Datasheet HTML 8Page - Texas Instruments REF3333AIDBZR Datasheet HTML 9Page - Texas Instruments REF3333AIDBZR Datasheet HTML 10Page - Texas Instruments REF3333AIDBZR Datasheet HTML 11Page - Texas Instruments REF3333AIDBZR Datasheet HTML 12Page - Texas Instruments REF3333AIDBZR Datasheet HTML 13Page - Texas Instruments REF3333AIDBZR Datasheet HTML 14Page - Texas Instruments REF3333AIDBZR Datasheet HTML 15Page - Texas Instruments REF3333AIDBZR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
J
A
D
JA
T
T
P
RT
˜
6
OUTMAX
OUTMIN
OUT
V
V
Drift
10 (ppm)
V
Temperature Range
æ
ö
-
=
×
ç
÷
×
è
ø
12
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
www.ti.com
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.2 Low Temperature Drift
The REF33xx is designed for minimal drift error, defined as the change in output voltage over temperature. The
drift is calculated using the box method, as described in Equation 2:
(2)
9.3.3 Power Dissipation
The REF33xx family is specified to deliver current loads of ±5 mA over the specified input voltage range. The
temperature of the device increases according to Equation 3:
where
•
TJ = junction temperature (°C).
•
TA = ambient temperature (°C).
•
PD = power dissipation (W) = VIN × IQ + (VIN – VOUT) IOUT.
•
RθJA = Junction-to-ambient thermal resistance (°C/W).
(3)
The REF33xx junction temperature must not exceed the absolute maximum rating of 150°C.
9.3.4 Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise for each member of the REF33xx family is specified in the Electrical
Characteristics table. The noise voltage increases with output voltage and operating temperature. Use additional
filtering to improve output noise levels. Give special attention to ensure that the output impedance does not
degrade output voltage accuracy.
9.4 Device Functional Modes
The REF33xx is powered on when the voltage on the IN pin is greater than VOUT + 0.2 V, except for the
REF3312, where the minimum supply voltage is 1.7 V. The maximum input voltage for the REF33xx is 5.5 V.
Use a supply bypass capacitor ranging between 1 μF to 10 μF. The total capacitive load at the output must be
between 0.1 μF to 10 μF to ensure output stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com