Electronic Components Datasheet Search
  English  ▼

X  

L99ASC03TR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99ASC03TR
Description  Brushless / sensorless 3-phase motor pre-driver for automotive applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99ASC03TR Datasheet HTML 4Page - STMicroelectronics L99ASC03TR Datasheet HTML 5Page - STMicroelectronics L99ASC03TR Datasheet HTML 6Page - STMicroelectronics L99ASC03TR Datasheet HTML 7Page - STMicroelectronics L99ASC03TR Datasheet HTML 8Page - STMicroelectronics L99ASC03TR Datasheet HTML 9Page - STMicroelectronics L99ASC03TR Datasheet HTML 10Page - STMicroelectronics L99ASC03TR Datasheet HTML 11Page - STMicroelectronics L99ASC03TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
Block diagram and pin descriptions
L99ASC03
8/73
DocID023504 Rev 7
12
SGND1
Signal ground 1
GND
13
SDI
SPI Serial data input
I
14
SCK
SPI clock input
I
15
SDO
SPI Serial data output
O
16
CSN
SPI Chip Select Not input
I
17
BC
Block Commutation Sync Pin
I
18
DIS
Disable input
I
19
NRES
NReset output
O
20
AOUT
Analog multiplexer output
O
21
BEMFOUT
Back EMF output
O
22
DOUT
Digital multiplexer output
O
23
NINT
Interrupt output
O
24
SGND3
Signal ground 3
GND
25
Reserved
Pin must be kept not connected
Not to be
connected
26
AGND
Analog ground
GND
27
VDD
Voltage regulator output
O
28
Reserved
Pin must be kept not connected
Not to be
connected
29
INH
Inhibit input (wake-up)
I
30
VSREG
Voltage regulator power supply
I
31
VS
Charge pump power supply
I
32
CP1-
Charge pump pin for capacitor 1, negative side
O
33
CP1+
Charge pump pin for capacitor 1, positive side
O
34
CP2-
Charge pump pin for capacitor 2, negative side
O
35
CP2+
Charge pump pin for capacitor 2, positive side
O
36
CP
Charge pump output
O
37
VSMS
Motor supply sense pin
I
38
GH1
Gate of external high-side MOSFET 1
O
39
SH1
Source of external high-side MOSFET 1
I/O
40
GL1
Gate of external low-side MOSFET 1
O
41
SL1
Source of external low-side MOSFET 1
I/O
42
GH2
Gate of external high-side MOSFET 2
O
43
SH2
Source of external high-side MOSFET 2
I/O
44
GL2
Gate of external low-side MOSFET 2
O
Table 2. Pin definition and function (continued)
Pin number
Symbol
Function
I/O type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com