Electronic Components Datasheet Search
  English  ▼

X  

REF3333AIDBZT Datasheet(PDF) 13 Page - Texas Instruments

Part # REF3333AIDBZT
Description  REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3333AIDBZT Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3333AIDBZT Datasheet HTML 9Page - Texas Instruments REF3333AIDBZT Datasheet HTML 10Page - Texas Instruments REF3333AIDBZT Datasheet HTML 11Page - Texas Instruments REF3333AIDBZT Datasheet HTML 12Page - Texas Instruments REF3333AIDBZT Datasheet HTML 13Page - Texas Instruments REF3333AIDBZT Datasheet HTML 14Page - Texas Instruments REF3333AIDBZT Datasheet HTML 15Page - Texas Instruments REF3333AIDBZT Datasheet HTML 16Page - Texas Instruments REF3333AIDBZT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
VIN
REF3312
R1
100 k
R3
20 k
C1
0.15 …F
R4
100 k
R5
10 k
SD_16
û-ADC
R8
1 k
R2
20 k
IN
OUT
+1.25 V
_
±5 V
+1.25 V
REF3330
IN
OUT
3.0 V
3.3 V
+3.0 V
R6
47 k
0.625 V
+
C2
47 …F
+3.0 V
3.3 V
VOUT
IN+
IN±
MSP430F2013 LaunchPad
J1.2/A1+
J1.3/A1±
J1.5/VREF
OPA317
+
±
R7
47 k
+
13
REF3312, REF3318, REF3320, REF3325, REF3330, REF3333
www.ti.com
SBOS392H – AUGUST 2007 – REVISED AUGUST 2019
Product Folder Links: REF3312 REF3318 REF3320 REF3325 REF3330 REF3333
Submit Documentation Feedback
Copyright © 2007–2019, Texas Instruments Incorporated
10 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The REF33xx is a family of low-power, precision band-gap voltage references that are specifically designed for
extremely low dropout, excellent initial voltage accuracy with a high output current. The extremely small size of
the SC70-3, SOT-23-3, and UQFN-8 make these references very attractive for space-constrained applications.
The following section describes one common application.
10.2 Typical Applications
10.2.1 REF3312 in a Bipolar Signal-Chain Configuration
The circuit in Figure 19 consists of a low-power reference and conditioning circuit. This circuit attenuates and
level-shifts a bipolar input voltage within the proper input range of a single-supply, low-power, 16-bit ΔΣ analog-
to-digital converter (ADC), such as the one inside the MSP430 (or other similar single-supply ADCs). Precision
reference circuits are used to level-shift the input signal, provide the ADC reference voltage, and create a well-
regulated supply voltage for the low-power analog circuitry. A low-power, zero-drift op amp circuit is used to
attenuate and level-shift the input signal.
Figure 19. Bipolar Signal-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com