Electronic Components Datasheet Search
  English  ▼

X  

L99DZ120 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics L99DZ120 Datasheet HTML 53Page - STMicroelectronics L99DZ120 Datasheet HTML 54Page - STMicroelectronics L99DZ120 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 161 page
background image
DS11567 Rev 5
51/161
L99DZ120
Electrical specifications
160
Note:
See Figure 18: SPI input timing.
Vin_L
Input low level
1.0
V
Vin_H
Input high level
2.3
V
Vin_Hyst Input hysteresis
0.2
V
Ipdin
Pull down current at
input
Vin = 1.5 V
5
30
60
µA
Cin(1)
Input capacitance at
input CSN, CLK, DI and
PWM1,2
Guaranteed by design
15
pF
fCLK
SPI input frequency at
CLK
4MHz
1. Value of input capacity is not measured in production test. Parameter guaranteed by design.
Table 33. DI, CLK and CSN timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tCLK
Clock period
250
ns
tCLKH
Clock high time
100
ns
tCLKL
Clock low time
100
ns
tset_CSN
CSN setup time, CSN low
before rising edge of CLK
150
ns
tset_CLK
CLK setup time, CLK high
before rising edge of CSN
150
ns
tset_DI
DI setup time
25
ns
thold_DI
DI hold time
25
ns
tr_in
Rise time of input signal DI,
CLK, CSN
25
ns
tf_in
Fall time of input signal DI,
CLK, CSN
25
ns
Table 32. Inputs: CLK, DI (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
Table 34. Output: DO
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VDOL
Output low level
IDO = -4 mA
0.5
V
VDOH
Output high level
IDO = 4 mA
V1 - 0.5
V
IDOLK
3-state leakage
current
VCSN = V1, 0 V < VDO < V1
-10
10
μA
CDO
3-state input
capacitance
Guaranteed by design
10
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com