Electronic Components Datasheet Search
  English  ▼

X  

SN54LVC646A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54LVC646A
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LVC646A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54LVC646A Datasheet HTML 4Page - Texas Instruments SN54LVC646A Datasheet HTML 5Page - Texas Instruments SN54LVC646A Datasheet HTML 6Page - Texas Instruments SN54LVC646A Datasheet HTML 7Page - Texas Instruments SN54LVC646A Datasheet HTML 8Page - Texas Instruments SN54LVC646A Datasheet HTML 9Page - Texas Instruments SN54LVC646A Datasheet HTML 10Page - Texas Instruments SN54LVC646A Datasheet HTML 11Page - Texas Instruments SN54LVC646A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
Operating Characteristics
SN54LVC646A, SN74LVC646A
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCAS302J – JANUARY 1993 – REVISED AUGUST 2005
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
Outputs enabled
(1)
(1)
75
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
(1)
(1)
9
(1)
This information was not available at the time of publication.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com