Electronic Components Datasheet Search
  English  ▼

X  

SN54LVC86A Datasheet(PDF) 6 Page - Texas Instruments

Part # SN54LVC86A
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54LVC86A Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN54LVC86A Datasheet HTML 2Page - Texas Instruments SN54LVC86A Datasheet HTML 3Page - Texas Instruments SN54LVC86A Datasheet HTML 4Page - Texas Instruments SN54LVC86A Datasheet HTML 5Page - Texas Instruments SN54LVC86A Datasheet HTML 6Page - Texas Instruments SN54LVC86A Datasheet HTML 7Page - Texas Instruments SN54LVC86A Datasheet HTML 8Page - Texas Instruments SN54LVC86A Datasheet HTML 9Page - Texas Instruments SN54LVC86A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN54LVC86A
UNIT
–55 TO 125°C
MIN
TYP MAX
ΔICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
μA
Ci
VI = VCC or GND
3.3 V
5(1)
pF
(1)
TA = 25°C
5.7 Electrical Characteristics, SN74LVC86A
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
SN74LVC86A
UNIT
TA = 25°C
–40 TO 85°C
–40 TO 125°C
MIN TYP MAX
MIN MAX
MIN
MAX
VOH
IOH = –100μA
1.65V to 3.6V
VCC – 0.2
VCC – 0.2
VCC – 0.3
V
IOH = –4mA
1.65V
1.29
1.2
1.05
IOH = –8mA
2.3V
1.9
1.7
1.55
IOH = –12mA
2.7V
2.2
2.2
2.05
3V
2.4
2.4
2.25
IOH = –24mA
3V
2.3
2.2
2
VOL
IOL = 100μA
1.65V to 3.6V
0.1
0.2
0.3
V
IOL = 4mA
1.65V
0.24
0.45
0.6
IOL = 8mA
2.3V
0.3
0.7
0.75
IOL = 12mA
2.7V
0.4
0.4
0.6
IOL = 24mA
3V
0.55
0.55
0.8
II
VI = 5.5V or GND
3.6V
±1
±5
±20
μA
ICC
VI = VCC or GND
IO = 0
3.6V
1
10
40
μA
ΔICC
One input at VCC – 0.6V,
Other inputs at VCC or GND
2.7V to 3.6V
500
500
5000
μA
Ci
VI = VCC or GND
3.3V
5
pF
5.8 Switching Characteristics, SN54LVC86A
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN54LVC86A
UNIT
–55 TO 125°C
MIN
MAX
tpd
A
Y
2.7 V
5.6
ns
3.3 V ± 0.3 V
1
4.6
5.9 Switching Characteristics, SN74LVC86A
over recommended operating free-air temperature range (unless otherwise noted) (see Load Circuit and Voltage Waveforms)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
SN74LVC86A
UNIT
TA = 25°C
–40 TO 85°C
–40 TO 125°C
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
1.8V ± 0.15V
1
4.1
9.4
1
9.9
1
11.4
ns
2.5V ± 0.2V
1
2.9
7.1
1
7.6
1
9.7
2.7V
1
2.8
5.4
1
5.6
1
7.1
3.3V ± 0.3V
1
2.5
4.4
1
4.6
1
5.8
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC86A SN74LVC86A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com