Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC86AD Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LVC86AD
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC86AD Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC86AD Datasheet HTML 7Page - Texas Instruments SN74LVC86AD Datasheet HTML 8Page - Texas Instruments SN74LVC86AD Datasheet HTML 9Page - Texas Instruments SN74LVC86AD Datasheet HTML 10Page - Texas Instruments SN74LVC86AD Datasheet HTML 11Page - Texas Instruments SN74LVC86AD Datasheet HTML 12Page - Texas Instruments SN74LVC86AD Datasheet HTML 13Page - Texas Instruments SN74LVC86AD Datasheet HTML 14Page - Texas Instruments SN74LVC86AD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
8.2.3 Application Curves
Figure 8-2. Supply Current vs. Input Frequency
Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the Section 5.3
table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1 μF is recommended; if there are multiple VCC pins, then 0.01 μF or 0.022 μF is recommended for
each power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1 μF
and a 1 μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
8.3 Layout
8.3.1 Layout Guidelines
When using multiple bit logic devices inputs should never float.
In many cases, functions or parts of functions of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or only 3 of the 4 buffer gates are used. Such input pins should not
be left unconnected because the undefined voltages at the outside connections result in undefined operational
states. Section 8.3.2 specifies the rules that must be observed under all circumstances. All unused inputs of
digital logic devices must be connected to a high or low bias to prevent them from floating. The logic level that
should be applied to any particular unused input depends on the function of the device. Generally they will be
tied to GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float
outputs, unless the part is a transceiver.
www.ti.com
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN54LVC86A SN74LVC86A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com