Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC74AD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74LVC74AD
Description  SNx4LVC74A Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC74AD Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC74AD Datasheet HTML 1Page - Texas Instruments SN74LVC74AD Datasheet HTML 2Page - Texas Instruments SN74LVC74AD Datasheet HTML 3Page - Texas Instruments SN74LVC74AD Datasheet HTML 4Page - Texas Instruments SN74LVC74AD Datasheet HTML 5Page - Texas Instruments SN74LVC74AD Datasheet HTML 6Page - Texas Instruments SN74LVC74AD Datasheet HTML 7Page - Texas Instruments SN74LVC74AD Datasheet HTML 8Page - Texas Instruments SN74LVC74AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5.3 Recommended Operating Conditions (continued)
see(1)
MIN
MAX
UNIT
TA
Operating free-air temperature
SN54LVC74A
–55
125
°C
SN74LVC74A
–40
125
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
5.4 Thermal Information: SN74LVC74A
THERMAL METRIC(1)
SN74LVC74A
UNIT
BQA
(WQFN)
D
(SOIC)
DB
(SSOP)
NS
(SO)
PW
(TSSOP)
RGY
(VQFN)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
102.3
127.8
140.4
123.8
150.8
92.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
96.8
54.8
59.2
48.1
50.3
52.2
°C/W
RθJB
Junction-to-board thermal resistance
70.9
48
54.6
49.1
63.4
30.8
°C/W
ψJT
Junction-to-top characterization parameter
16.6
20.3
24.1
17.9
6.2
2.4
°C/W
ψJB
Junction-to-board characterization
parameter
70.9
47.7
54.1
48.8
62.8
30.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
50.1
—
—
—
—
12.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
5.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –100 µA
VCC = 1.65 V to 3.6 V and TA = –55°C
to 125°C (SN54LVC74A only)
VCC – 0.2
V
VCC = 2.7 V to 3.6 V and TA = –40°C to
125°C (SN74LVC74A only)
VCC – 0.2
IOH = –4 mA, VCC = 1.65 V, and TA = –40°C to 125°C
(SN74LVC74A only)
1.2
IOH = –8 mA, VCC = 2.3 V, and TA = –40°C to 125°C
(SN74LVC74A only)
1.7
IOH = –12 mA
VCC = 2.7 V
2.2
VCC = 3 V
2.4
IOH = –24 mA, VCC = 3 V
2.2
VOL
Low-level output voltage
IOL = 100 µA
VCC = 1.65 V to 3.6 V, and TA = –40°C
to 125°C (SN74LVC74A only)
0.2
V
VCC = 2.7 V to 3.6 V and TA = –55°C to
125°C (SN54LVC74A only)
0.2
IOL = 4 mA, VCC = 1.65 V, and TA = –40°C to 125°C
(SN74LVC74A only)
0.45
IOL = 8 mA, VCC = 2.3 V, and TA = –40°C to 125°C
(SN74LVC74A only)
0.7
IOL = 12 mA, VCC = 2.7 V
0.4
IOL = 24 mA, VCC = 3 V
0.55
II
Input current
VI = 5.5 V or GND, VCC = 3.6 V
±5
µA
ICC
Supply current
VI = VCC or GND, IO = 0, VCC = 3.6 V
10
µA
ΔICC
Change in supply current
One input at VCC – 0.6 V, other inputs at VCC or GND, and
VCC = 2.7 V to 3.6 V
500
µA
www.ti.com
SN54LVC74A, SN74LVC74A
SCAS287W – JANUARY 1993 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN54LVC74A SN74LVC74A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com