Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC86ADRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74LVC86ADRG4
Description  SNx4LVC86A Quadruple 2-Input Exclusive-OR Gates
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC86ADRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC86ADRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 11Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 12Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 13Page - Texas Instruments SN74LVC86ADRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
8 Application and Implementation
8.1 Application Information
The SN74LVC86A device is a high-drive, open-drain CMOS device that can be used for a multitude of buffer-
type functions. It can produce 24 mA of drive current at 3 V. Therefore, this device is ideal for driving multiple
inputs and for high-speed applications up to 100 MHz. The inputs and outputs are 5.5-V tolerant allowing the
device to translate up to 5.5 V or down to VCC.
8.2 Typical Application
1B
1Y
1A
1.65-V to 3.6-V VCC
System Inputs/MCU
System Outputs/MCU
4B
4Y
4A
Figure 8-1. Typical OR Gate Application and Supply Voltage
8.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus
contention because it can drive currents that would exceed maximum limits. The high drive will also create
fast edges into light loads; therefore, routing and load conditions should be considered to prevent ringing.
8.2.2 Detailed Design Procedure
1. Recommended Input Conditions
• Rise time and fall time specs: See (Δt/ΔV) in the Section 5.3 table.
• Specified high and low levels: See (VIH and VIL) in the Section 5.3 table.
• Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC.
2. Recommend Output Conditions
• Load currents should not exceed 25 mA per output and 50 mA total for the part.
• Outputs should not be pulled above 5.5 V.
SN54LVC86A, SN74LVC86A
SCAS288R – JANUARY 1993 – REVISED AUGUST 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN54LVC86A SN74LVC86A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com