Electronic Components Datasheet Search
  English  ▼

X  

EC3C04 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3C04
Description  EC3C SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3C04 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3C04 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3C04 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Typical Derating curve for Natural Convection
100
71
-25
0%
20%
40%
60%
80%
100%
120%
-25
0
25
50
75
100
Ambient Temperature(oC)
Natural
Convection
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………......... 12V .....................…….….. 9 – 18V
Efficiency ................................................................................... See Table
24V ……………….………. 18 – 36V
Isolation Voltage ..............................................................… 500 VDC min.
48V …………...………….. 36 – 72V
Isolation Resistance .........................................……….......…… 109 ohms
Input Filter …………………………………………………..…………..... Pi Type
Switching Frequency ............................................................ 200KHz, typ.
OUTPUT SPECIFICATIONS:
Operating Ambient Temperature Range …..................... –25℃ to +71℃
Voltage Accuracy
De-rating, Above 71℃ ….……………….. Linearly to Zero power at 100℃
Single Output ………..……………….……………………... ±1.0% max.
Case Temperature (note 5) .………………………………........ 100℃ max.
Dual +Output …..……………….………….……….……….. ±1.0% max.
Cooling …………………………..…………………….. Natural Convection
Dual – Output ……..………………….……………………… ±3.0% max.
Storage Temperature Range ………….…....………..... –40℃ to +100℃
Voltage Balance Dual Output Full Load …………………………… ±1.0% max.
EMI/RFI …………………………………….…. Six-Sided Continuous Shield
Transient Response
Dimensions ……………… 2.00×2.00×0.40 inches (50.8×50.8×10.2mm)
Single 25% Step Load Change ………..…….……………..…….… <500us
Case Material ………… Black Coated Copper With Non-Conductive Base
Dual FL-1/2L±1% Error Band …………………………………….…. <500us
Weight ……………..……………….…………………………………….. 57g
Ripple and Noise, 20MHz BW ………………………………. 10mV RMS. max.
NOTE:
75mV p-p max.
1. Measured from high line to low line.
Temperature Coefficient …………………………………………….. ±0.02%/℃
2. Measured from full load to 1/4 full load.
Short Circuit Protection …………………….……….. Indefinite & Current Limit
3. Determine the correct fuse size by calculating the maximum dc current
Line Regulation (note 1), Single/Dual Output …….............….…… ±0.2% max.
drain at low line input, maximum load and then adding 20 to 25% to get
Load Regulation (note 2), Single/Dual Output …..………......…..... ±1.0% max.
desired fuse size.
4. Alternative pin configuration suffix “S”.
5. Maximum case temperature under any operating condition should
not be exceeded 100℃.
Case C Dimensions:
BOTTOM VIEW
+OUT
NP*
-OUT
COM
+IN -IN
* NP - NO PIN ON SINGLE OUTPUT MODLES
BOTTOM
VIEW
COM/NP*
+OUT
-OUT
+IN
-IN
STANDARD PIN CONFIGURATION
ALTERNATE PIN CONFIGURATION SUFFIX"S"
All Dimensions In Inches(mm)
Tolerances
Inches: X.XX= ±0.04 , X.XXX= ±0.010
Millimeters: X.X= ±1.0 , X.XX=±0.25
min.
min.
max.
max.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com