Electronic Components Datasheet Search
  English  ▼

X  

EC3C06 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3C06
Description  EC3C SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3C06 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3C06 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3C06 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
EC3C SERIES
15 WATT 2:1 INPUT
DC-DC CONVERTERS
FEATURES
* 15W Isolated Output
* Efficiency to 82%
* 2” x 2” Six-Sided Shield Metal Case
* Alternative Pin Configuration
* Fixed 200KHz Switching Frequency
NOTE: 1. Nominal Input Voltage 12, 24 or 48VDC
2. Alternative pin-out version. To order, suffix a “S” to the standard model number.
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
INPUT CURRENT
%
EFF.
SIZE
NO LOAD
FULL LOAD
EC3C01
9-18 VDC
5 VDC
3000 mA
30 mA
1660 mA
75
2” x 2”
EC3C02
9-18 VDC
12 VDC
1250 mA
30 mA
1625 mA
78
2” x 2”
EC3C03
9-18 VDC
15 VDC
1000 mA
30 mA
1625 mA
78
2” x 2”
EC3C04
9-18 VDC
±12 VDC
±625 mA
35 mA
1620 mA
77
2” x 2”
EC3C05
9-18 VDC
±15 VDC
±500 mA
35 mA
1620 mA
77
2” x 2”
EC3C06
9-18 VDC
±5 VDC
±1500 mA
35 mA
1620 mA
77
2” x 2”
EC3C07
9-18 VDC
3.3 VDC
3000 mA
30 mA
1178 mA
70
2” x 2”
EC3C11
18-36 VDC
5 VDC
3000 mA
15 mA
812 mA
78
2” x 2”
EC3C12
18-36 VDC
12 VDC
1250 mA
20 mA
772 mA
81
2” x 2”
EC3C13
18-36 VDC
15 VDC
1000 mA
20 mA
772 mA
81
2” x 2”
EC3C14
18-36 VDC
±12 VDC
±625 mA
25 mA
780 mA
80
2” x 2”
EC3C15
18-36 VDC
±15 VDC
±500 mA
25 mA
780 mA
80
2” x 2”
EC3C16
18-36 VDC
±5 VDC
±1500 mA
25 mA
780 mA
80
2” x 2”
EC3C17
18-36 VDC
3.3 VDC
3000 mA
15 mA
557 mA
74
2” x 2”
EC3C21
36-72 VDC
5 VDC
3000 mA
10 mA
390 mA
80
2” x 2”
EC3C22
36-72 VDC
12 VDC
1250 mA
15 mA
381 mA
82
2” x 2”
EC3C23
36-72 VDC
15 VDC
1000 mA
15 mA
381 mA
82
2” x 2”
EC3C24
36-72 VDC
±12 VDC
±625 mA
20 mA
386 mA
81
2” x 2”
EC3C25
36-72 VDC
±15 VDC
±500 mA
20 mA
386 mA
81
2” x 2”
EC3C26
36-72 VDC
±5 VDC
±1500 mA
20 mA
386 mA
81
2” x 2”
EC3C27
36-72 VDC
3.3 VDC
3000 mA
20 mA
271 mA
76
2” x 2”
Not Recommended for New Designs


Similar Part No. - EC3C06

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3C06 RSG-EC3C06 Datasheet
773Kb / 1P
15 WATT WIDE INPUT DC-DC CONVERTERS
More results

Similar Description - EC3C06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com