Electronic Components Datasheet Search
  English  ▼

X  

700705 Datasheet(PDF) 1 Page - Lapp.

Part # 700705
Description  Flexible Cable for Drives, Motors & Assemblies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

700705 Datasheet(HTML) 1 Page - Lapp.

  700705 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
94
ÖLFLEX®
Flexible Cable for Drives, Motors & Assemblies
Construction
ECOLAB® is a registered trademark of Ecolab, Inc. Recommended SKINTOP® assumes minimal OD variance.
Additional configurations are available; please see our SKINTOP® section. If not otherwise specified, all values relating to the product are nominal values.
Photographs are not to scale and are not true representations of the products in question. For current information go to our website.
Approvals
Recommended Applications
Application Advantage
Complete the Installation
SKINTOP®
MS-SC
page 516
EPIC®
ULTRA HB
page 397
VFD Cable
Cable Attributes
page 640
OIL
OR-03
FLAME
FR-03
MOTION
FL-01
MECH.
MP-03
Technical Data
Minimum Bend Radius:
7.5 x cable diameter
Temperature Range:
- UL/CSA TC:
-25°C to +90°C
- for stationary use:
-40°C to +105°C
- for flexible use:
-25°C to +105°C
Nominal Voltage:
- UL TC:
600V/2000V
- UL Flexible Motor Supply:
1000V
- c(UL) CIC/TC:
600V
- cRU AWM:
1000V
Test Voltage:
6000V
Conductor Stranding:
- 16 - 6 AWG:
Class 5 fine wire
- 4 - 2 AWG:
Class K fine wire
Color Code:
Black with white numbers,
plus green/yellow ground
Approvals:
UL: TC-ER per UL 1277
Attributes: UL Oil Res I/II
90°C Wet or Dry
-40°C Cold Bend; -25°C Cold Impact
Sunlight Resistant
Direct Burial
NFPA 79 2015
NEC: Class 1 Division 2 per NEC Article 501
Canada: c(UL) CIC/TC FT4
cRU AWM I/II A/B FT4
Additional: CE (50V – 1kV) & RoHS
LAPP KABEL
ÖLFLEX® VFD 2XL
• One cable for applications up to 2kV
• Low capacitance design
• Industrial grade phthalate-free jacket designed for harsh
environments
• UL TC-ER & c(UL) CIC/TC approved
• Reduces space and weight in tray
• No conduit required due to TC-ER rating
Conductors: Finely stranded tinned copper
Insulation: XLPE (plus)
Shielding: Barrier tape; triple layer foil tape (100% coverage); tinned
copper braid (85% coverage); tinned copper drain wire
Jacket: Specially formulated thermoplastic elastomer (TPE); black
VFD drive and motor connections; pumps; compressors; conveyors; elevators; extruders;
presses; HVAC; any on/off, slow down/speed up applications using VFD drives and motors
ÖLFLEX® VFD 2XL is a robust oil- and UV-resistant shielded motor cable for VFD drives. The
XLPE (plus) insulation with enhanced electrical properties can withstand twice the dielectric
voltage test, provides extended performance, and is suitable for 2kV applications.
Flexible VFD Cable; 600V/1000V/2000V; UL & c(UL) TC-ER Approval
ÖLFLEX® VFD 2XL
Part
Number
Number of
Conductors
(incl. ground)
Nominal Outer Diameter
Copper Weight
(lbs/mft)
Approx. Weight
(lbs/mft)
SKINTOP®
MS-SC
PG Thread
SKINTOP®
MS-M BRUSH
Metric Thread
(in)
(mm)
16 AWG (1.5 mm2)
700700
4 + drain
0.509
12.9
70
160
53112240
53112676
14 AWG (2.5 mm2)
700701
4 + drain
0.582
14.8
100
196
53112250
53112676
12 AWG (4 mm2)
700702
4 + drain
0.656
16.7
144
258
53112250
53112677
10 AWG (6 mm2)
700703
4
0.707
18.0
199
320
53112260
53112677
8 AWG (10 mm2)
700704
4 + drain
0.887
22.5
298
575
53112260
53112678
6 AWG (16 mm2)
700705
4
1.022
25.9
518
885
53112270
53112678
4 AWG (21 mm2)
700706
4
1.158
29.4
642
1055
53112270
53112679
2 AWG (33.7 mm2)
700707
4
1.332
33.8
980
1460
—
53112679
FIRE
PROTECTION


Similar Part No. - 700705

ManufacturerPart #DatasheetDescription
logo
ITT Industries
700701201 ITT-700701201 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
700701264 ITT-700701264 Datasheet
1Mb / 23P
AUXILIARY ACTUATORS
logo
Sennheiser electronic S...
700706 SENNHEISER-700706 Datasheet
277Kb / 4P
Evolution Wireless Digital
V1.54
700707 SENNHEISER-700707 Datasheet
293Kb / 4P
Evolution Wireless Digital
V1.2
700708 SENNHEISER-700708 Datasheet
417Kb / 4P
Evolution Wireless Digital
V1.2
More results

Similar Description - 700705

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD2005F TOSHIBA-TPD2005F Datasheet
393Kb / 10P
HIGH SIDE POWER SWITCH ARRAY FOR MOTORS, SOLENOIDS, AND LAMP DRIVES
22-Feb-2000
TPD2007F TOSHIBA-TPD2007F Datasheet
351Kb / 9P
LOW-SIDE POWER SWITCH ARRAY FOR MOTORS SOLENOIDS AND LAMP DRIVES
22-Feb-2000
logo
Yamaichi Electronics Co...
CTMD3P-3P1SAO1500 YAMAICHI-CTMD3P-3P1SAO1500 Datasheet
45Kb / 1P
Cable Assemblies for Standard MiniDIN
logo
Bel Fuse Inc.
MRJ21 BEL-MRJ21 Datasheet
1Mb / 2P
Cable Assemblies
logo
Pasternack Enterprises,...
PE35954-12 PASTERNACK-PE35954-12 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
PE35954-18 PASTERNACK-PE35954-18 Datasheet
171Kb / 2P
18 GHz Flexible Cable Assemblies
logo
TRINAMIC Motion Control...
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
PMSM FOC drives and BLDC motors
logo
Applied Motion Products...
BL030-H03-G AMP-BL030-H03-G Datasheet
1Mb / 8P
BLDC Motors & Drives
logo
Samtec, Inc
BNC SAMTEC-BNC Datasheet
416Kb / 2P
Cable Assemblies
Rev 22FEB22
MCX SAMTEC-MCX Datasheet
220Kb / 1P
Cable Assemblies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com