Electronic Components Datasheet Search
  English  ▼

X  

28023 Datasheet(PDF) 2 Page - Wiha Tools

Part # 28023
Description  Wiha Fibre-glass-reinforced Folding Rulers.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28023 Datasheet(HTML) 2 Page - Wiha Tools

  28023 Datasheet HTML 1Page - Wiha Tools 28023 Datasheet HTML 2Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
243
Longlife®Plus and Classic.
410 2001
Longlife® Plus Folding Metre Rule, 2 m, Metric, 10 Segments.
With Metal Ends.
Material:
Glass fibre reinforced polyamide. Scratch, weather and chemical resistant.
Joints:
Patented, play free, wear resistant and maintenance free joint with steel
spring pin for constant tension.
Usefull 90° snap-in position.
Scale:
Deep embossed black scale in 1 mm increments. Every 10 cm is marked
in red.
Accuracy:
According to EU-Standard accuracy class III.
Extra:
Wear resistant metal ends on the first and last segments.
Readable from both sides through a second, backwards running scale
(Recto Verso).
Order-No.
27055 1
15
140
yellow
10
6.00
27059 9
15
140
white
10
6.00
27060 5
15
140
yellow/white
10
6.00
410 2004
Classic Folding Metre Rule, 2 m, Metric, 10 Segments.
Material:
Fibre-glass reinforced plastic is scratch-resistant and waterproof with
great flexural strength.
Joints:
Patented, play free, wear resistant and maintenance free joint with steel
spring pin for constant tension.
Usefull 90° snap-in position.
Scale:
Deep embossed black scale in 1 mm increments
Accuracy:
According to EU-Standard accuracy class III.
Order-No.
28023 9
15
135
white
10
3.60
Longlife®.
410 2000
Longlife® Folding Metre Rule, 2 m, Metric, 10 Segments.
Material:
Glass fibre reinforced polyamide. Scratch, weather and chemical resistant.
Joints:
Patented, play free, wear resistant and maintenance free joint with steel
spring pin for constant tension.
Usefull 90° snap-in position.
Scale:
Deep embossed black scale in 1 mm increments. Every 10 cm is marked
in red.
Accuracy:
According to EU-Standard accuracy class III.
Order-No.
27058 2
15
140
yellow
10
4.90
27057 5
15
140
white
10
4.90
410 1000
Longlife® Folding Metre Rule, 1 m, Metric, 10 Segments.
Material:
Glass fibre reinforced polyamide. Scratch, weather and chemical resistant.
Joints:
Patented, play free, wear resistant and maintenance free joint with steel
spring pin for constant tension.
Usefull 90° snap-in position.
Scale:
Deep embossed black scale in 1 mm increments. Every 10 cm is marked
in red.
Accuracy:
According to EU-Standard accuracy class III.
Order-No.
27061 2
13
45
yellow
10
3.73
27062 9
13
45
white
10
3.73
410 1010
Longlife® Folding Metre Rule, 1 m, Metric, 5 Segments.
Material:
Glass fibre reinforced polyamide. Scratch, weather and chemical resistant.
Joints:
Patented, play free, wear resistant and maintenance free joint with steel
spring pin for constant tension.
Usefull 90° snap-in position.
Scale:
Deep embossed black scale in 1 mm increments. Every 10 cm is marked
in red.
Accuracy:
According to EU-Standard accuracy class III.
Order-No.
27063 6
15
65
yellow
20
3.95
Wiha Info
Special scales available on request.
J
Sale only in pack quantities!



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com