Electronic Components Datasheet Search
  English  ▼

X  

53019090 Datasheet(PDF) 1 Page - Lapp.

Part # 53019090
Description  Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

53019090 Datasheet(HTML) 1 Page - Lapp.

  53019090 Datasheet HTML 1Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800-774-3539 • www.lappusa.com • www.lappcanada.com • www.lappmexico.com
533
SKINTOP®
Strain Relief Cable Glands
Photographs are not to scale and are not true representations of the products in question.
If not otherwise specified, all values relating to the product are nominal values. For current information go to our website.
Locknuts & Fittings
Approvals: NPT & Halogen-free Metric
Approvals: PG*
Approvals: Metric*
SKINTOP® GMP-GL/GMP-GL-M & GMP-HF-M Locknuts
Hexagonal Locknuts for NPT, PG & Metric Strain Relief Cable Glands
Designed for use with SKINTOP® cable glands with NPT, PG & metric threads.
Part Number
Thread Type
& Size
SW
Wrenching Flats
B
Nut Thickness
Standard
Pack Size
Black
Gray
Light Gray
Halogen-free
(in)
(in)
SKINTOP® GMP-GL: NPT
911370
—
—
NPT ⅜”
0.866
0.198
100
911371
—
—
NPT ½”
1.063
0.236
100
911372
—
—
NPT ¾”
1.417
0.276
50
911373
—
—
NPT 1”
1.654
0.276
50
SKINTOP® GMP-GL: PG
53019200
53019000
—
PG 7
0.748
0.197
100
53019210
53019010
—
PG 9
0.866
0.197
100
53019220
53019020
—
PG 11
0.945
0.197
100
53019230
53019030
—
PG 13
1.063
0.236
100
53019240
53019040
—
PG 16
1.181
0.236
100
53019250
53019050
—
PG 21
1.418
0.276
50
53019260
53019060
—
PG 29
1.812
0.276
50
53019270
53019070
—
PG 36
2.364
0.315
25
53019280
53019080
—
PG 42
2.561
0.315
25
53019290
53019090
—
PG 48
2.758
0.315
25
SKINTOP® GMP-GL-M/ GMP-HF-M: Metric
53119100
53119000
53119200
M12 x 1.5
0.669
0.197
100
53119110
53119010
53119210
M16 x 1.5
0.866
0.197
100
53119120
53119020
53119220
M20 x 1.5
1.063
0.236
100
53119130
53119030
53119230
M25 x 1.5
1.339
0.236
100
53119140
53119040
53119240
M32 x 1.5
1.615
0.276
100
53119150
53119050
53119250
M40 x 1.5
1.970
0.276
25
53119160
53119060
53119260
M50 x 1.5
2.364
0.315
25
53119170
53119070
53119270
M63 x 1.5
2.955
0.315
25
* UL only when used with UL-approved SKINTOP® polyamide cable
glands
Technical Data
Material:
- Body:
Polyamide, glass fiber-reinforced
- Halogen-free:
Halogen-free polyamide,
V-0 per UL 94
Temperature Range:
-20°C to +100°C
Color:
Black (RAL 9005), UV resistant
Gray (RAL 7001)
Light gray (RAL 7035), halogen-free


Similar Part No. - 53019090

ManufacturerPart #DatasheetDescription
logo
Lapp.
53019000 LAPP-53019000 Datasheet
123Kb / 2P
SKINTOP® GMP-GL
03.07.2018
More results

Similar Description - 53019090

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1106066-8 MACOM-2-1106066-8 Datasheet
32Kb / 1P
Adapter PG/NPT Ubergangsstuck PG/NPT
logo
Molex Electronics Ltd.
130097-0171 MOLEX11-130097-0171 Datasheet
42Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male, Cable Diameter
130097-0247 MOLEX11-130097-0247 Datasheet
41Kb / 1P
Deluxe Cord Grips Strain Relief, 2 NPT, Straight Male, Cable Diameter
130097-0292 MOLEX11-130097-0292 Datasheet
41Kb / 1P
Deluxe Cord Grips Strain Relief, 2 NPT, Straight Male, Cable Diameter
1300970174 MOLEX11-1300970174 Datasheet
35Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male, Cable Diameter
1300970180 MOLEX11-1300970180 Datasheet
35Kb / 1P
Deluxe Cord Grips Strain Relief, 1 NPT, Straight Male, Cable Diameter
1300970287 MOLEX11-1300970287 Datasheet
34Kb / 1P
Deluxe Cord Grips Strain Relief, 3 NPT, Straight Male, Cable Diameter
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
TT Electronics.
DS3119 TTELEC-DS3119 Datasheet
274Kb / 1P
Thermocouple Termination Glands & Locknuts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com