Electronic Components Datasheet Search
  English  ▼

X  

33754 Datasheet(PDF) 1 Page - Wiha Tools

Part # 33754
Description  Wiha universal L-key holder.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

33754 Datasheet(HTML) 1 Page - Wiha Tools

  33754 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wiha Werkzeuge GmbH
Obertalstraße 3–7
D-78136 Schonach/Germany
Tel. + 49 7722 959-0
Fax.+ 49 7722 959-159
info@wiha.com
www.wiha.com
New 2010.
Available as of
February 01, 2010
POS support:
• POS card
369 ...
Ball end hex
L-key set in holder.
Chrome-plated or manganese-phosphated.
01416
2
369 H7
5
369
1.5 2
2.5 3
4
5
6
03723
9
SB 369 H7
5
369B
1.5 22.5 3456810
03992
9
369 H9B
5
369B
1.5 2
2.5 3
4
5
6
03991
2
SB 369 H7B
5
369 Zoll
5/64 3/32 1/8 5/32 3/16 7/32 1/4 5/16
02939
5
SB 369 HZ8
5
01220
5
352 H7
5
352
1.5 2
2.5 3
4
5
6
06386
3
352 H9B
5
352B
1.5 2
2.5 3
4
5
6
8
10
06384
9
352 H7B
5
352B
1.5 2
2.5 3
4
5
6
06382
5
352 HM5B
10
352B
0.7 0.9 1.3 1.5 2
01172
7
351 H7
10
351
1.5 2
2.5 3
4
5
6
06379
5
350 H9
10
350
1.5 2
2.5 3
4
5
6
8
10
06378
8
350 H7
10
350
1.5 2
2.5 3
4
5
6
01176
5
351 HZ8
10
351 Zoll
5/64 3/32 1/8 5/32 3/16 7/32 1/4 5/16
03879
3
369 H9B
5
03878
6
369 H7B
5
01420
9
369 HZ8
5
366
T9 T10 T15 T20 T25 T27 T30 T40
34737
6
SB 366 H8
5
34736
9
366 H8
5
366
T6 T7 T8 T9 T10 T15 T20
34739
0
SB 366 H7
5
34738
3
366 H7
5
366BE
T9 T10 T15 T20 T25 T27 T30 T40
32395
0
SB 366BE H8
5
32394
3
366BE H8
5
366R
T9 T10 T15 T20 T25 T27 T30 T40
34741
3
SB 366R H8
5
34740
6
366R H8
5
366R
T6 T7 T8 T9 T10 T15 T20
33754
4
SB 366R HM7
5
33753
7
366R HM7
5
03742
0
371RIP H8
5
371R
IP9 IP10 IP15 IP20 IP25 IP27 IP30 IP40
29208
9
371RIP HM7
5
3671R
IP6 IP7 IP8 IP9 IP10 IP15 IP20
366...
TORX® L-key sets in holder.
Manganese-phosphated.
350/1/2 ...
Hex L-key sets in holder.
Nickel-plated or manganese-phosphated.
371RIP ...
TORX PLUS® L-key sets in holder.
Manganese-phosphated. With MagicSpring®.
Order-No.
Series
Order-No.
Series
Wiha universal L-key holder.
Wiha universal L-key
holder.
• Solid stopping point for fixing
the L-keys
• Short distances for quick remo-
val and replacement of L-keys
• Innovative clamping ensures
perfect fitting in the holder
• Compact format saves room on
workbenches and in toolboxes
• Hanging allows space-saving
storage of the holder on the
wall


Similar Part No. - 33754

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3375 KR-3375 Datasheet
116Kb / 3P
KR Electronics part number 3375 is a 2000 to 4000 MHz linear slope equalizer
logo
List of Unclassifed Man...
3375 ETC-3375 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3375 HEYCO-3375 Datasheet
84Kb / 1P
Nylon Cable Clamps
More results

Similar Description - 33754

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH2CR5-211 ETC1-BH2CR5-211 Datasheet
66Kb / 1P
2CR5 BATTERY HOLDER WITH POLARIZING KEY
logo
Molex Electronics Ltd.
0015040292 MOLEX1-0015040292 Datasheet
81Kb / 2P
Universal Polarizing Key, Black
0015040293 MOLEX1-0015040293 Datasheet
81Kb / 2P
Universal Polarizing Key, White
15-04-0292 MOLEX11-15-04-0292 Datasheet
39Kb / 2P
Universal Polarizing Key, Black
logo
List of Unclassifed Man...
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
36442 ETC2-36442 Datasheet
226Kb / 1P
Wiha TORX T-handleWiha T-handle Wiha TORX Short Arm L-keys
logo
TE Connectivity Ltd
TTDS-259 TEC-TTDS-259 Datasheet
531Kb / 3P
UNIVERSAL REEL HOLDER
logo
Molex Electronics Ltd.
1801900001 MOLEX-1801900001 Datasheet
329Kb / 3P
CITIZEN L-340 LED HOLDER
2009/06/18
1802600000 MOLEX-1802600000 Datasheet
147Kb / 2P
CITIZEN L-330 LED HOLDER
2009/06/18
1301530047 MOLEX-1301530047 Datasheet
714Kb / 1P
CITIZEN L-330 LED HOLDER
2009/06/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com