Electronic Components Datasheet Search
  English  ▼

X  

CBS-10K Datasheet(PDF) 8 Page - Premium PSU

Part # CBS-10K
Description  CBS-10K
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSU [Premium PSU]
Direct Link  https://premiumpsu.com/contact/
Logo PSU - Premium PSU

CBS-10K Datasheet(HTML) 8 Page - Premium PSU

  CBS-10K Datasheet HTML 1Page - Premium PSU CBS-10K Datasheet HTML 2Page - Premium PSU CBS-10K Datasheet HTML 3Page - Premium PSU CBS-10K Datasheet HTML 4Page - Premium PSU CBS-10K Datasheet HTML 5Page - Premium PSU CBS-10K Datasheet HTML 6Page - Premium PSU CBS-10K Datasheet HTML 7Page - Premium PSU CBS-10K Datasheet HTML 8Page - Premium PSU  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CBS-10K
10 kWpk DC/DC
8 / 8
21-05-2024
CA-669-10
www.premiumpsu.com
Powering Your Challenge
ANNEXE
Applicable values for the different sections of the norm EN50155: 2017
4.3.1
Working altitude
Up to 2000m
4.3.2
Ambient temperature
Class OT1 (-25 to 55°C): load < 100%
Class OT3 (-25 to 70°C): load <62.5%
4.3.3
Switch-on extended
operating temp.
ST1
4.3.4
Rapid temperature
variations
H1
4.3.5
Shocks and vibrations
According EN61373:2010 Category 1 class B
4.3.6
EMC Electromagnetic
Compatibility
EN50121-3-2:2016
Test
Norm
Port
Frequency
Limits
Radiated
emissions
IEC55016
Case
30MHz…230MHz
40dB(µV/m) Qpk at 10m
230MHz…1GHz
47dB(µV/m) Qpk at 10m
1…3GHz
Do not apply
Internal freq. < 108MHz
3…6GHz
Conducted
emissions
IEC55016
Input
150kHz…500kHz
99dB(µV) Qpk
500kHz…30MHz
93dB(µV) Qpk
Test
Norm
Port
Severity
Conditions
P
Electrostatic
discharge
IEC61000-4-2
Case
±8kV
Air (isolated parts)
B
±8kV
Contact (conductive parts)
Radiated
high-frequency
IEC61000-4-3
X/Y/Z Axis
20V/m
0.08…1.0GHz M. 80% 1kHz
A
10V/m
1.4…2.1GHz M. 80% 1kHz
5V/m
2.1…2.5GHz M. 80% 1kHz
3V/m
5.1…6Ghz M. 80% 1kHz
Fast transients
IEC61000-4-4
Input
±2kV
Tr/Th: 5/50 ns
A
Output
±2kV
Signal
±2kV
PE
±1kV
Surge
IEC61000-4-5
Input L to L
±1kV
Tr/Th: 1.2/50µs
B
Input L to PE
±2kV
Conducted RF
IEC61000-4-6
Input
10V
0.15...80MHz M. 80% 1kHz
A
Output
10V
Signal
10V
PE
10V
Magnetic field
IEC61000-4-8
X/Y/Z Axis
300A/m
0Hz, 16.7Hz, 50/60Hz
A
P= Performance criteria, L= Line, PE= Protective Earth
4.3.7
Relative humidity
Up to 95%
5.1.1.2 DC power supply range
From 0.70 to 1.25 Un continuous
5.1.1.3
Temporary DC power
supply fluctuation
From 0.60 to 1.40 Un 0.1s
From 1.25 to 1.40 Un 1s without damage
5.1.1.4
Interruptions of voltage
supply
Class S1 (without interruptions)
5.1.1.6 Input ripple factor
10% peak to peak with a DC Ripple Factor of 5 %
5.1.3
Supply change-over
0.6 Un duration 100 ms (without interruptions). Performance criterion A
7.2.7
Input reverse polarity
protection
By external fuse
10.7
Protective coating for PCB
assemblies
Class PC2
13.3
Tests list
1 Visual Inspection
2 Performance test
3 Power supply test
4 Insulation test
5 Low temperature storage test
6 Low temperature start-up test
7 Dry heat test
8 Cyclic damp heat test
9 Salt mist test
10 Enclosure protection test (IP code)
11 EMC test
12 Shocks and vibrations test
13 Equipment stress screening test
14 Rapid Temperature variation test
Routine
Routine
Routine
Routine
-
Type
Type
Type
-
-
Type
Type
Routine: 24h at 40°C and load 100%
Type



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com