Electronic Components Datasheet Search
  English  ▼

X  

SN54AC32 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN54AC32
Description  SN74AC32-Q1 Automotive Quadruple 2-Input OR Gates
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54AC32 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN54AC32 Datasheet HTML 5Page - Texas Instruments SN54AC32 Datasheet HTML 6Page - Texas Instruments SN54AC32 Datasheet HTML 7Page - Texas Instruments SN54AC32 Datasheet HTML 8Page - Texas Instruments SN54AC32 Datasheet HTML 9Page - Texas Instruments SN54AC32 Datasheet HTML 10Page - Texas Instruments SN54AC32 Datasheet HTML 11Page - Texas Instruments SN54AC32 Datasheet HTML 12Page - Texas Instruments SN54AC32 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
5.7 Typical Characteristics (continued)
TA = 25°C (unless otherwise noted)
IOL (mA)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.001
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.01
0.011
0.012
0.013
0.014
0.015
0.016
25°C
125°C
-40°C
Figure 5-13. Output Voltage vs Current in LOW State; 1.8V Supply
www.ti.com
SN74AC32-Q1
SCASE88 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com