Electronic Components Datasheet Search
  English  ▼

X  

SN74AXC2T45 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74AXC2T45
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74AXC2T45 Datasheet(HTML) 2 Page - Texas Instruments

  SN74AXC2T45 Datasheet HTML 1Page - Texas Instruments SN74AXC2T45 Datasheet HTML 2Page - Texas Instruments SN74AXC2T45 Datasheet HTML 3Page - Texas Instruments SN74AXC2T45 Datasheet HTML 4Page - Texas Instruments SN74AXC2T45 Datasheet HTML 5Page - Texas Instruments SN74AXC2T45 Datasheet HTML 6Page - Texas Instruments SN74AXC2T45 Datasheet HTML 7Page - Texas Instruments SN74AXC2T45 Datasheet HTML 8Page - Texas Instruments SN74AXC2T45 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 3
5.1 Absolute Maximum Ratings........................................ 3
5.2 ESD Ratings............................................................... 3
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics.............................................5
5.6 Switching Characteristics, VCCA = 0.7 ± 0.05V........... 6
5.7 Switching Characteristics, VCCA = 0.8 ± 0.04V........... 7
5.8 Switching Characteristics, VCCA = 0.9 ± 0.045V......... 8
5.9 Switching Characteristics, VCCA = 1.2 ± 0.1V............. 9
5.10 Switching Characteristics, VCCA = 1.5 ± 0.1V......... 10
5.11 Switching Characteristics, VCCA = 1.8 ± 0.15V........11
5.12 Switching Characteristics, VCCA = 2.5 ± 0.2V......... 12
5.13 Switching Characteristics, VCCA = 3.3 ± 0.3V......... 13
5.14 Operating Characteristics: TA = 25°C..................... 14
5.15 Typical Characteristics............................................ 15
6 Parameter Measurement Information.......................... 16
6.1 Load Circuit and Voltage Waveforms........................16
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................20
8 Application and Implementation.................................. 21
8.1 Application Information............................................. 21
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................23
8.4 Layout....................................................................... 23
9 Device and Documentation Support............................24
9.1 Documentation Support............................................ 24
9.2 Receiving Notification of Documentation Updates....24
9.3 Support Resources................................................... 24
9.4 Trademarks...............................................................24
9.5 Electrostatic Discharge Caution................................24
9.6 Glossary....................................................................24
10 Revision History.......................................................... 24
11 Mechanical, Packaging, and Orderable
Information.................................................................... 25
4 Pin Configuration and Functions
1
2
3
4
8
7
6
5
V
CCA
A1
A2
GND
V
CCB
B1
B2
DIR
Figure 4-1. DCT Package, 8-Pin SSOP (Top View)
1
2
3
4
8
7
6
5
V
CCA
A1
A2
GND
V
CCB
B1
B2
DIR
Figure 4-2. DCU Package, 8-Pin VSSOP (Top View)
6
7
5
4
3
2
1
8
V
CCA
A1
A2
GND
V
CCB
B1
B2
DIR
Figure 4-3. DTM Package, 8-Pin X2SON Transparent (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
A1
2
I/O
Input/output A1. Referenced to VCCA.
A2
3
I/O
Input/output A2. Referenced to VCCA.
B1
7
I/O
Input/output B1. Referenced to VCCB.
B2
6
I/O
Input/output B2. Referenced to VCCB.
DIR
5
Direction-control in for both ports. Referenced to VCCA
GND
4
G
Ground
VCCA
1
P
A-port power supply voltage. 0.65V ≤ VCCA ≤ 3.6V
VCCB
8
P
B-port power supply voltage. 0.65V ≤ VCCB ≤ 3.6V
(1)
I = input, O = output, P = power, G = ground
SN74AXC2T45
SCES880D – AUGUST 2019 – REVISED JANUARY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74AXC2T45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com