Electronic Components Datasheet Search
  English  ▼

X  

1075559 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1075559
Description  CABLE-D25SUB-B-S-HF-S/... - Cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1075559 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1075559 Datasheet HTML 1Page - PHOENIX CONTACT 1075559 Datasheet HTML 2Page - PHOENIX CONTACT 1075559 Datasheet HTML 3Page - PHOENIX CONTACT 1075559 Datasheet HTML 4Page - PHOENIX CONTACT 1075559 Datasheet HTML 5Page - PHOENIX CONTACT 1075559 Datasheet HTML 6Page - PHOENIX CONTACT 1075559 Datasheet HTML 7Page - PHOENIX CONTACT 1075559 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
System cable
Environmental and real-life conditions
Ambient conditions
Degree of protection
IP20
Degree of protection (Installation location)
≥ IP54 (Installation location)
Ambient temperature (operation) (fixed installation)
-40 °C ... 70 °C (fixed installation)
Ambient temperature (operation) (flexible installation)
-10 °C ... 70 °C (flexible installation)
Ambient temperature (storage/transport)
-40 °C ... 80 °C
Altitude
≤ 2000 m
Electrical properties
Operating voltage (AC)
≤ 30 V AC
Operating voltage (DC)
≤ 60 V DC
Nominal operating mode
100% operating factor
Current (Per path)
≤ 2 A (Uncoiled, see derating)
Cable/line
Cable length
variable
UL AWM Style
21946
Number of positions
25
Shielded
yes
Conductor type
Assembled, shielded, halogen-free round cable
Conductor structure signal line
14x 0.15 mm
AWG signal line
24
Conductor cross section
25x 0.25 mm²
Wire diameter incl. insulation
1.2 mm ±0.05 mm
External cable diameter
9.80 mm ±0.5 mm
Outer sheath, material
Halogen-free sheath
External sheath, color
gray
Conductor material
Bare Cu litz wires
Cable resistance
≤ 80 Ω/km (at 20 °C)
Insulation resistance
≥ 20 MΩ*km (at 20 °C)
Smallest bending radius, fixed installation
82 mm
Smallest bending radius, movable installation
155 mm
Dynamic load capacity (bending)
Max. bending cycles: 5000 (at a radius of ≥ 15x outside
diameter)
Halogen-free
yes
IEC 60332-1-2 (raw cable)
VDE 0842, Part 332-1-2 (raw cable)
Flame resistance
CABLE-D25SUB-B-S-HF-S/... - Cable
1075559
https://www.phoenixcontact.com/us/products/1075559
Nov 5, 2025, 1:39AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com