Electronic Components Datasheet Search
  English  ▼

X  

TDA7388 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7388
Description  4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7388 Datasheet HTML 2Page - STMicroelectronics TDA7388 Datasheet HTML 3Page - STMicroelectronics TDA7388 Datasheet HTML 4Page - STMicroelectronics TDA7388 Datasheet HTML 5Page - STMicroelectronics TDA7388 Datasheet HTML 6Page - STMicroelectronics TDA7388 Datasheet HTML 7Page - STMicroelectronics TDA7388 Datasheet HTML 8Page - STMicroelectronics TDA7388 Datasheet HTML 9Page - STMicroelectronics TDA7388 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
TDA7388
Figure 13. Output Noise vs. Source
Resistance.
Figure 14. Power Dissipation & Efficiency vs.
Output Power.
5
APPLICATION HINTS
(ref. to the circuit of fig. 4)
5.1 SVR
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF time sequence
and, consequently, plays an essential role in the pop optimization during ON/OFF transients. To conve-
niently serve both needs, ITS MINIMUM RECOMMENDED VALUE IS 10
µF.
5.2 INPUT STAGE
The TDA7388’S inputs are ground-compatible and can stand very high input signals (± 8Vpk) without any
performances degradation. If the standard value for the input capacitors (0.1
µF) is adopted, the low fre-
quency cut-off will amount to 16 Hz.
5.3 STAND-BY AND MUTING
STAND-BY and MUTING facilities are both CMOS-COMPATIBLE. If unused, a straight connection to Vs
of their respective pins would be admissible.
Conventional/low-power transistors can be employed to drive muting and stand-by pins in absence of true
CMOS ports or microprocessors. R-C cells have always to be used in order to smooth down the transitions
for preventing any audible transient noises.
Since a DC current of about 10
µA normally flows out of pin 22, the maximum allowable muting-series re-
sistance (R2) is 70K
Ω, which is sufficiently high to permit a muting capacitor reasonably small (about 1µF).
If R2 is higher than recommended, the involved risk will be that the voltage at pin 22 may rise to above the
1.5 V threshold voltage and the device will consequently fail to turn OFF when the mute line is brought
down. About the stand-by, the time constant to be assigned in order to obtain a virtually pop-free transition
has to be slower than 2.5V/ms.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com