Electronic Components Datasheet Search
  English  ▼

X  

PCLM-NMP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCLM-NMP
Description  Connector Accessories For Miniature Size Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCLM-NMP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCLM-NMP Datasheet HTML 1Page - List of Unclassifed Manufacturers PCLM-NMP Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
G-34
G
Connector Accessories
For Miniature Size Connectors
Panel Mounting Bracket (Standard and Round Hole)
Wire Hole Reducer–For Smaller Gauge Wires
SMPW Connectors
SMACL panel
mounting bracket.
SRMACL round hole
panel mounting bracket.
“A”
Model No.
Compatible Connectors
Dimension
SMACL
SMPW, GMP, HMPW, HGMP
0.88"
MACL
NMP
0.88"
SRMACL
SMPW, GMP, HMPW, HGMP
0.67"
RMACL
NMP
0.67"
Safety Clip
To Order
Visit
newportUS.com/CTRAMIN for Pricing and
Details
Model No.
Compatible Connectors
SMCL
SMPW, GMP, HMPW, HGMP
FMCL
FMP, FMPW, HFMP, HFMPW
Model No. Pkg of 20
Reduced Hole Opening
RB-SMP-100
2.54 (0.100") Dia.
RB-SMP-140
3.55 (0.140") Dia.
(*) Insert “B” for brass or
“S” for stainless steel
(**) Insert quantity: “10”
or “100.” “CR” number
indicates compatible
probe diameter.
To order crimping tool for
use with these bushings,
specify model number
BB-SMT-CT.
Crimp Style Bushing
Safety clip SMCL
RB-SMP-100 wire
hole reducers shown
with SMPW-K-M
Covered by U.S. and
International patents and
pending applications.
PATENTED
Clamp Grommets Silicone 0.25" long
Shown with GMP-T-MF
A
A
Dia A-ID
Dia B-OD
Dia C
Dia E
Compatible
Model Number
mm (in)
mm (in)
mm (in)
mm (in)
Connectors
(*)B-SMP-CR020-(**)
0.56(0.022) 2.95 (0.116) 3.25 (0.128) 4.72 (0.186)
(*)B-SMP-CR032-(**)
0.89 (0.035) 2.95 (0.116) 3.25 (0.128) 4.72 (0.186)
(*)B-SMP-CR040-(**)
1.09 (0.043) 2.95 (0.116) 3.25 (0.128) 4.72 (0.186)
(*)B-SMP-CR1.5MM-(**) 1.57 (0.062) 2.95 (0.116) 3.25 (0.128) 4.72 (0.186)
(*)B-SMP-CR062-(**)
1.65 (0.065) 2.95 (0.116) 3.25 (0.128) 4.72 (0.186)
(*)B-SMP-CR093-(**)
2.44 (0.096) 4.72 (0.186) 3.96 (0.156)
N/A
(*)B-SMP-CR3.0mm-(**) 3.10 (0.122) 4.72 (0.186) 3.96 (0.156)
N/A
(*)B-SMP-CR125-(**)
3.25 (0.128) 4.72 (0.186) 3.96 (0.156)
N/A
SHX, NMP,
MTP, GMP,
SMP, SMPW,
FMPW
* Insert pkg quantity: select from packages of 5, 10, 50, 100.
Center number denotes grommet inside diameter for 0.75" long strain relief tubing, visit
newportUS.com
Inside
Outside
Compatible
Model No.
Diameter
Diameter
Length
Connectors
SSRT-CC-018-(*)
3.18 (0.125)
SSRT-CC-332-(*)
2.38 (0.094)
4.77
6.35
OSTW
SSRT-CC-116-(*)
1.59 (0.063)
(0.188)
(0.250)
male or
SSRT-CC-132-(*)
0.79 (0.032)
female
Ordering Example: SB-SMP-CR040-100, pkg of 100 crimp style stainless steel bushing for
0.043 Dia. probe.
1.575
(0.062)
7.92
(0.312)
1.27
(0.050)
Dimensions: mm (inch)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com