Electronic Components Datasheet Search
  English  ▼

X  

SN6501DBVRG4 Datasheet(PDF) 22 Page - Texas Instruments

Part # SN6501DBVRG4
Description  SN6501 Transformer Driver for Isolated Power Supplies
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN6501DBVRG4 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN6501DBVRG4 Datasheet HTML 18Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 19Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 20Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 21Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 22Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 23Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 24Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 25Page - Texas Instruments SN6501DBVRG4 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Table 8-3. Recommended Isolation Transformers Optimized for SN6501 (continued)
Turns
Ratio
V x T
(Vμs)
Isolation
(VRMS)
Dimensions
(mm)
Application
LDO
Figures
Order No.
Manufacturer
1:1.5 ±3%
34.4
2500
10 x 12.07 x 5.97
3.3 V → 3.3 V
5 V → 5 V
Yes
N/A
DA2303-AL
Coilcraft
1:2.2 ±3%
21.5
2500
10 x 12.07 x 5.97
3.3 V → 5 V
DA2304-AL
SN6501
SLLSEA0I – FEBRUARY 2012 – REVISED JANUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com