Electronic Components Datasheet Search
  English  ▼

X  

SN74HC74DB Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC74DB
Description  SNx4HC74 Dual D-Type Positive-Edge-Triggered Flip-Flops With Clear and Preset
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74HC74DB Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC74DB Datasheet HTML 1Page - Texas Instruments SN74HC74DB Datasheet HTML 2Page - Texas Instruments SN74HC74DB Datasheet HTML 3Page - Texas Instruments SN74HC74DB Datasheet HTML 4Page - Texas Instruments SN74HC74DB Datasheet HTML 5Page - Texas Instruments SN74HC74DB Datasheet HTML 6Page - Texas Instruments SN74HC74DB Datasheet HTML 7Page - Texas Instruments SN74HC74DB Datasheet HTML 8Page - Texas Instruments SN74HC74DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics - 74..................................... 5
6.6 Electrical Characteristics - 54..................................... 6
6.7 Timing Requirements - 74...........................................6
6.8 Timing Requirements - 54...........................................7
6.9 Switching Characteristics - 74.....................................7
6.10 Switching Characteristics - 54...................................8
6.11 Operating Characteristics..........................................8
6.12 Typical Characteristics.............................................. 8
7 Parameter Measurement Information............................ 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................10
8.4 Device Functional Modes..........................................11
9 Application and Implementation.................................. 12
9.1 Application Information............................................. 12
9.2 Typical Application.................................................... 12
10 Power Supply Recommendations..............................15
11 Layout........................................................................... 16
11.1 Layout Guidelines................................................... 16
11.2 Layout Example...................................................... 16
12 Device and Documentation Support..........................17
12.1 Documentation Support.......................................... 17
12.2 Support Resources................................................. 17
12.3 Trademarks.............................................................17
12.4 Electrostatic Discharge Caution..............................17
12.5 Glossary..................................................................17
13 Mechanical, Packaging, and Orderable
Information.................................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (December 2015) to Revision F (June 2021)
Page
• Updated to new data sheet standards................................................................................................................ 1
• RθJA increased for the D (86 to 133.6 ℃/W), DB (96 to 107.7 ℃/W), NS (76 to 122.6 ℃/W), and PW (113 to
151.7
℃/W) and decreased for the N package (80 to 61.9 ℃/W) .....................................................................5
SN74HC74, SN54HC74
SCLS094F – DECEMBER 1982 – REVISED JUNE 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: SN74HC74 SN54HC74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com