Electronic Components Datasheet Search
  English  ▼

X  

SL2-100RG Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SL2-100RG
Description  S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SL2-100RG Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SL2-100RG Datasheet HTML 1Page - Bourns Electronic Solutions SL2-100RG Datasheet HTML 2Page - Bourns Electronic Solutions SL2-100RG Datasheet HTML 3Page - Bourns Electronic Solutions SL2-100RG Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S & SL Series – Riedon™ Surface Mount Wirewound Resistors by Bourns
Power Derating Curve
120
100
80
60
40
20
0
0
50
100
200
150
250
350
300
AMBIENT TEMPERATURE (°C)
How To Order
S 4 - 100R F 1
Model
S, SL = Standard Model
SN, SLN = Non-inductive Model
Power Code
(See Specifications table)
Resistance Code
For values <1K Ω, “R” represents decimal point
(Example: 0R1 = 0.1 Ω)
For values 1K-10K Ω, “K” represents decimal point
(Example 1K = 1K Ω, 1K5 = 1.5K Ω)
Tolerance
(please see Specification table for selected resistance)
U** = ±0.05 %
F = ±1 %
B = ±0.1 %
G = ±2 %
T = ±0.2 %
H = ±3 %
C = ±0.25 %
J = ±5 %
D = ±0.5 %
Internal Use
(Specific TCR value available upon request.)
**Contact Bourns for tolerances <±0.01 %.
REV. 10/24
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Surface Mount Humidity Packaging
Per Customer Change Notice dated August 8, 2018, (CCN1832) all
Surface Mount wirewound resistors now have a Moisture Sensitivity
Level (MSL) rating of 1. Surface Mount parts are packaged in a
Moisture Barrier Bag (MBB) with a desiccant to ensure solderability.
The MBB is marked with a Moisture-Sensitive Identification Label.
Americas: Tel: +1 951-781-5500 • Email: americus@bourns.com
Mexico: Tel: +52-614-478-0400 • Email: mexicus@bourns.com
Asia: Tel: +886-2-2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
www.bourns.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com