Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G175DBVT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LVC1G175DBVT
Description  SN74LVC1G175 Single D-Type Flip-Flop With Asynchronous Clear
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G175DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G175DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 9Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 10Page - Texas Instruments SN74LVC1G175DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
17.5
18
18.5
19
19.5
20
20.5
21
21.5
0
1
2
3
4
5
6
Supply Voltage [V
CC] (V)
Typical
&KDUDFWHU«
C001
SN74LVC1G175
www.ti.com
SCES560G – MARCH 2004 – REVISED JUNE 2015
6.10 Switching Characteristics, –40°C to 125°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 3)
–40°C to 125°C
FROM
TO
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
100
125
150
175
MHz
CLK
2.7
15.4
2.2
8.1
1.6
6.7
1.5
5
tpd
Q
ns
CLR
2.7
14.9
2.2
8
1.5
6.8
1.3
5.1
6.11 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
18
19
19
21
pF
6.12 Typical Characteristics
Figure 1. Voltage vs Capacitance
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com