Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G97DBVR Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74LVC1G97DBVR
Description  SN74LVC1G97 Configurable Multiple-Function Gate
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1G97DBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1G97DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 15Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 16Page - Texas Instruments SN74LVC1G97DBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Vcc
Unused Input
Input
Output
Input
Unused Input
Output
13
SN74LVC1G97
www.ti.com
SCES416N – DECEMBER 2002 – REVISED JANUARY 2017
Product Folder Links: SN74LVC1G97
Submit Documentation Feedback
Copyright © 2002–2017, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
When using multiple-bit logic devices, inputs must never float.
In many cases, functions (or parts of functions) of digital logic devices are unused, for example, when only two
inputs of a triple-input AND gate are used or when only 3 of the 4 buffer gates are used. Such input pins must
not be left unconnected, because the undefined voltages at the outside connections result in undefined
operational states. Figure 13 specifies the rules that must be observed under all circumstances. All unused
inputs of digital logic devices must be connected to a high or low bias to prevent them from floating. The logic
level that must be applied to any particular unused input depends on the function of the device. Generally they
are tied to GND or VCC, whichever makes more sense or is more convenient. It is generally acceptable to float
outputs, unless the part is a transceiver. If the transceiver has an output enable pin, it disables the output section
of the part when asserted, which does not disable the input section of the I/Os. Therefore, the I/Os cannot float
when disabled.
11.2 Layout Example
Figure 13. Layout Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com