Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G07 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC2G07
Description  SN74LVC2G07 Dual Buffer and Driver With Open-Drain Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G07 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G07 Datasheet HTML 1Page - Texas Instruments SN74LVC2G07 Datasheet HTML 2Page - Texas Instruments SN74LVC2G07 Datasheet HTML 3Page - Texas Instruments SN74LVC2G07 Datasheet HTML 4Page - Texas Instruments SN74LVC2G07 Datasheet HTML 5Page - Texas Instruments SN74LVC2G07 Datasheet HTML 6Page - Texas Instruments SN74LVC2G07 Datasheet HTML 7Page - Texas Instruments SN74LVC2G07 Datasheet HTML 8Page - Texas Instruments SN74LVC2G07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
1
2
3
4
5
6
1A
2A
1Y
V
CC
2Y
1
2
3
4
5
6
GND
1
2
3
4
5
6
1A
GND
2A
1Y
V
CC
2Y
3
SN74LVC2G07
www.ti.com
SCES308L – AUGUST 2001 – REVISED MAY 2015
Product Folder Links: SN74LVC2G07
Submit Documentation Feedback
Copyright © 2001–2015, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
DCK Package
6-Pin SC70
Top View
YZP Package
6-Pin DSBGA
Bottom View
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO
1A
1
I
Input 1
GND
2
—
Ground
2A
3
I
Input 2
2Y
4
O
Open-drain output 2
VCC
5
—
Power pin
1Y
6
O
Open-drain output 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com