Electronic Components Datasheet Search
  English  ▼

X  

ICS844002 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS844002
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844002 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS844002 Datasheet HTML 6Page - Integrated Device Technology ICS844002 Datasheet HTML 7Page - Integrated Device Technology ICS844002 Datasheet HTML 8Page - Integrated Device Technology ICS844002 Datasheet HTML 9Page - Integrated Device Technology ICS844002 Datasheet HTML 10Page - Integrated Device Technology ICS844002 Datasheet HTML 11Page - Integrated Device Technology ICS844002 Datasheet HTML 12Page - Integrated Device Technology ICS844002 Datasheet HTML 13Page - Integrated Device Technology ICS844002 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER
10
ICS844002AG REV. A SEPTEMBER 28, 2007
ICS844002
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
3.3V, 2.5V LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 4. In a 100
Ω
differential transmission line environment, LVDS dr ivers
require a matched load termination of 100
Ω across near
the receiver input. For a multiple LVDS outputs buffer, if only
partial outputs are used, it is recommended to terminate the
unused outputs.
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
2.5V or 3.3V
+
-
VDD
100 Ohm Differential Transmission Line
R1
100
LVDS_Driv er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com