Electronic Components Datasheet Search
  English  ▼

X  

ICS844246 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS844246
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844246 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS844246 Datasheet HTML 6Page - Integrated Device Technology ICS844246 Datasheet HTML 7Page - Integrated Device Technology ICS844246 Datasheet HTML 8Page - Integrated Device Technology ICS844246 Datasheet HTML 9Page - Integrated Device Technology ICS844246 Datasheet HTML 10Page - Integrated Device Technology ICS844246 Datasheet HTML 11Page - Integrated Device Technology ICS844246 Datasheet HTML 12Page - Integrated Device Technology ICS844246 Datasheet HTML 13Page - Integrated Device Technology ICS844246 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER W/FANOUT BUFFER
10
ICS844246BG REV.C NOVEMBER 14, 2007
ICS844246
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
LVCMOS TO XTAL INTERFACE
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC couple capacitor. A general interface diagram is
shown in Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS inputs, it
is recommended that the amplitude be reduced from full swing
to half swing in order to prevent signal interference with the
power rail and to reduce noise. This configuration requires that
the output impedance of the driver (Ro) plus the series
resistance (Rs) equals the transmission line impedance. In
addition, matched termination at the crystal input will attenuate
the signal in half. This can be done in one of two ways. First,
R1 and R2 in parallel should equal the transmission line
impedance. For most 50
Ω applications, R1 and R2 can be 100Ω.
This can also be accomplished by removing R1 and making R2
50
Ω.
FIGURE 3. GENERAL DIAGRAM FOR LVCMOS DRIVER TO XTAL INPUT INTERFACE
XTAL_IN
XTAL_OUT
VCC
R2
Ro
R1
Zo = 50
Rs
VCC
.1uf
VDD
VDD
Zo = Ro + Rs
Reference Document: JEDEC Publication 95, MO-153
3.3V, 2.5V LVDS DRIVER TERMINATION
A general LVDS interface is shown in Figure 4. In a 100
Ω
differential transmission line environment, LVDS dr ivers
FIGURE 4. TYPICAL LVDS DRIVER TERMINATION
require a matched load termination of 100
Ω across near
the receiver input.
2.5V or 3.3V
+
-
VDD
100 Ohm Differential Transmission Line
R1
100
LVDS_Driv er



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com