Electronic Components Datasheet Search
  English  ▼

X  

ICS844256 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS844256
Description  FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS844256 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS844256 Datasheet HTML 3Page - Integrated Device Technology ICS844256 Datasheet HTML 4Page - Integrated Device Technology ICS844256 Datasheet HTML 5Page - Integrated Device Technology ICS844256 Datasheet HTML 6Page - Integrated Device Technology ICS844256 Datasheet HTML 7Page - Integrated Device Technology ICS844256 Datasheet HTML 8Page - Integrated Device Technology ICS844256 Datasheet HTML 9Page - Integrated Device Technology ICS844256 Datasheet HTML 10Page - Integrated Device Technology ICS844256 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT™ / ICS™ LVDS FREQUENCY SYNTHESIZER W/FANOUT BUFFER
7
ICS844256BG REV. B NOVEMBER 19, 2007
ICS844256
FEMTOCLOCKS™ CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
TYPICAL PHASE NOISE AT 125MHZ @ 3.3V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.48ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Gb Ethernet Filter to raw data
Raw Phase Noise Data
Gb Ethernet Filter
10
100
1k
10k
100k
1M
10M
100M
TYPICAL PHASE NOISE AT 125MHZ @ 3.3V/2.5V
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
-170
-180
-190
-200
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.44ps (typical)
OFFSET FREQUENCY (HZ)
Phase Noise Result by adding
Gb Ethernet Filter to raw data
Raw Phase Noise Data
Gb Ethernet Filter
10
100
1k
10k
100k
1M
10M
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com