Electronic Components Datasheet Search
  English  ▼

X  

STPSC2H12-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPSC2H12-Y
Description  Automotive 1200 V, 2 A power Schottky silicon carbide diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC2H12-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STPSC2H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC2H12-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Figure 5. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tp(s)
Zth(j-c) /Rth(j-c)
Single pulse
Figure 6. Non-repetitive peak surge forward current
versus pulse duration (sinusoidal waveform)
1.E+01
1.E+02
1.E+03
1.E-05
1.E-04
1.E-03
1.E-02
tp(s)
IFSM(A)
Ta = 25 °C
Ta = 150 °C
Figure 7. Total capacitive charges versus reverse voltage
applied (typical values)
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
700
800
VR(V)
QCj(nC)
Figure 8. Thermal resistance junction to ambient versus
copper surface under tab (typical values, epoxy printed
board FR4, eCu = 70 μm)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
30
35
40
SCu(cm²)
Rth(j-a) (°C/W)
DPAK HV
STPSC2H12-Y
Characteristics (curves)
DS13118 - Rev 2
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com