Electronic Components Datasheet Search
  English  ▼

X  

ICS853014 Datasheet(PDF) 18 Page - Integrated Device Technology

Part # ICS853014
Description  LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853014 Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button ICS853014 Datasheet HTML 11Page - Integrated Device Technology ICS853014 Datasheet HTML 12Page - Integrated Device Technology ICS853014 Datasheet HTML 13Page - Integrated Device Technology ICS853014 Datasheet HTML 14Page - Integrated Device Technology ICS853014 Datasheet HTML 15Page - Integrated Device Technology ICS853014 Datasheet HTML 16Page - Integrated Device Technology ICS853014 Datasheet HTML 17Page - Integrated Device Technology ICS853014 Datasheet HTML 18Page - Integrated Device Technology ICS853014 Datasheet HTML 19Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ICS853014
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
IDT™ / ICS™ 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
18
ICS853014BG REV. DNOVEMBER 12, 2007
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T4B
T4C
T4D
4
5
5
8
10
3.3V LVPECL table - VOH values changed @ 85° to 2.22V min. and
2.295V typical from 2.295V min. and 2.33V typical.
3.3V LVPECL table - VOH values changed @ 85° to 2.22V min. and
2.295V typical from 2.295V min. and 2.33V typical.
3.3V LVPECL table - VOH values changed @ 85° to 2.22V min. and
2.295V typical from 2.295V min. and 2.33V typical.
Revised LVPECL Output Termination drawings.
Revised Figure 5D.
9/10/03
C
T4B - T4D
4-5
6
LVPECL & ECL tables - deleted VPP row.
AC Table - added VPP row and changed max. value from 1200mV to
1800mV.
3/18/04
C
T9
1
16
Features Section - added Lead-Free bullet.
Ordering Information Table - added Lead-Free part number.
5/13/05
D
4A
4
Power Supply DC Characteristics Table - changed IEE from 75mA max. to
85mA max.
Updated format throughout the datasheet.
7/6/07
d
1
Corrected block diagram.
11/12/07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com