Electronic Components Datasheet Search
  English  ▼

X  

ICS853017 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS853017
Description  QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853017 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS853017 Datasheet HTML 6Page - Integrated Device Technology ICS853017 Datasheet HTML 7Page - Integrated Device Technology ICS853017 Datasheet HTML 8Page - Integrated Device Technology ICS853017 Datasheet HTML 9Page - Integrated Device Technology ICS853017 Datasheet HTML 10Page - Integrated Device Technology ICS853017 Datasheet HTML 11Page - Integrated Device Technology ICS853017 Datasheet HTML 12Page - Integrated Device Technology ICS853017 Datasheet HTML 13Page - Integrated Device Technology ICS853017 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IDT™ / ICS™ 2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
10
ICS853017AM REV. B OCTOBER 24, 2007
ICS853017
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL/ECL RECEIVER
PRELIMINARY
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating
50
Ω to V
CC
- 2V. For V
CC
= 2.5V, the V
CC
- 2V is very close to ground
level. The R3 in Figure 5B can be eliminated and the termination
is shown in Figure 5C.
FIGURE 5C. 2.5V LVPECL TERMINATION EXAMPLE
FIGURE 5B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
FIGURE 5A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
Zo = 50 Ohm
R1
250
+
-
2.5V
2,5V LVPECL
Driv er
R4
62.5
R3
250
Zo = 50 Ohm
2.5V
VCC=2.5V
R1
50
R3
18
Zo = 50 Ohm
Zo = 50 Ohm
+
-
2,5V LVPECL
Driv er
VCC=2.5V
2.5V
R2
50
2,5V LVPECL
Driv er
VCC=2.5V
R1
50
R2
50
2.5V
Zo = 50 Ohm
Zo = 50 Ohm
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com