Electronic Components Datasheet Search
  English  ▼

X  

LM4040CECT-4.1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LM4040CECT-4.1
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040CECT-4.1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LM4040CECT-4.1 Datasheet HTML 13Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 14Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 15Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 16Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 17Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 18Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 19Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 20Page - STMicroelectronics LM4040CECT-4.1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Order codes
Precision
(%)
Package
Output
voltage (V)
Marking
Temperature range (°C)
LM4040CECT-5.0
0.5%
SOT323-5L
5.0
C50
-40°C to +125°C
LM4040DECT-5.0
1.0%
SOT323-5L
5.0
D50
-40°C to +125°C
LM4040
Ordering information
DS13886 - Rev 2
page 17/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com