Electronic Components Datasheet Search
  English  ▼

X  

LM4040CECT-5.0 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM4040CECT-5.0
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040CECT-5.0 Datasheet(HTML) 5 Page - STMicroelectronics

  LM4040CECT-5.0 Datasheet HTML 1Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 2Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 3Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 4Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 5Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 6Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 7Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 8Page - STMicroelectronics LM4040CECT-5.0 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
Typical performance characteristics
(CIN = 1 µF; COUT = 10 µF, TJ = 25 °C unless otherwise specified.)
Figure 2. VK change vs. temperature (5 V version)
4.98
4.985
4.99
4.995
5
5.005
5.01
5.015
5.02
-55
-30
-5
20
45
70
95
120
145
Temperature [°C]
Ik = 10 µA
Ik = 1 mA
Ik = 15 mA
Figure 3. VK change vs. temperature (5 V version)
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
Vka rev (V)
Figure 4. IKmin minimum current for regulation
T = 25 °C, Ika increasing
0
2
4
6
8
10
12
14
16
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Vka (V)
5 V version
Figure 5. Low frequency noise test
I
R = 20 µA
R
UP = 4.7 kΩ
R
LOAD = 50 Ω
Figure 6. Measured dynamic impedance
0.10
1.00
10.00
100.00
1,000.00
10,000.00
0.01
0.10
1.00
10.00
100.00
Frequency [kHz]
Ir = 20 µA Cout = 100 nF
Ir = 20 µA Cout = 0 µF
Ir = 100 µA Cout = 0 µF
Ir = 100 µA Cout = 220 nF
Ir = 1 mA Cout = 0 µF
IR = 20 µA, RUP = 4.7 kΩ, RLOAD = 50 Ω
Figure 7. Forward characteristics
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.01
0.1
1
10
100
IK (forward) [mA]
LM4040
Typical performance characteristics
DS13886 - Rev 2
page 5/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com