Electronic Components Datasheet Search
  English  ▼

X  

460974 Datasheet(PDF) 1 Page - Pro-Power

Part # 460974
Description  Desk Cable Tidy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

460974 Datasheet(HTML) 1 Page - Pro-Power

  460974 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
30/11/12
Desk Cable Tidy
460974:
22008:
22012:
22009:
Features:
• Manufactured from polypropylene
• Designed to keep computer, telephone and other
cables neat and out of sight
• For Use With: Cables
Description
Profile
Colour
Hole Size
(mm)
Shank Height
(mm)
Part Number
Desk Cable Tidy
Round
Black
60
21
460974
Grey
80
22008
Brown
22009
Black
22012
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table


Similar Part No. - 460974

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4609745 TURCK-4609745 Datasheet
874Kb / 2P
Inductive Sensor
11/07/2023
More results

Similar Description - 460974

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5700613 ETC2-M5700613 Datasheet
297Kb / 1P
ACCESSORIES FOR METTEC DESK CASES
D33040 ETC2-D33040 Datasheet
28Kb / 1P
Classic PL Desk Lamps
logo
AMIC Technology
A9230-C AMICC-A9230-C Datasheet
85Kb / 2P
13.56MHz Desk-Top Reader System
A9230-D AMICC-A9230-D Datasheet
115Kb / 2P
13.56MHz Desk-Top Reader System
logo
Total Power Internation...
TPSPU31 TOTAL-POWER-TPSPU31 Datasheet
287Kb / 2P
30W Desk Top I.T.E. Power Supplies
TPSPU41A TOTAL-POWER-TPSPU41A Datasheet
307Kb / 2P
40W Desk Top Type
TPSPU45E TOTAL-POWER-TPSPU45E Datasheet
207Kb / 2P
50W Desk Top Type
logo
Tripp Lite. All Rights ...
WWSSDC TRIPPLITE-WWSSDC Datasheet
552Kb / 2P
WorkWise Standing Desk-Clamp Workstation
logo
NEC
DT400 NEC-DT400 Datasheet
1Mb / 2P
Digital Desk phones
DT700 NEC-DT700 Datasheet
1Mb / 2P
IP Desk phones
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com