Electronic Components Datasheet Search
  English  ▼

X  

3183Y Datasheet(PDF) 2 Page - Pro-Power

Part # 3183Y
Description  Mains Flex Oval/Round 2 - 3 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

3183Y Datasheet(HTML) 2 Page - Pro-Power

  3183Y Datasheet HTML 1Page - Pro-Power 3183Y Datasheet HTML 2Page - Pro-Power 3183Y Datasheet HTML 3Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <2>
V1.0
06/03/14
Mains Flex
Oval/Round 2 - 3 Core
Mains Cord and Cable PVC:
Specification
3182Y
300/500V
2183Y 300/300V
3183Y 300/500V
Radial Thickness
Insulation Sheath
0.8
0.5
0.6
0.7
0.8
-
1.0
0.6
0.8
0.9
1.1
-
CSA (mm²)
2.50
0.50
0.75
1.00
1.25
1.50
2.50
4.00
Construction
50/0.25
16/0.2
24/0.2
32/0.2
40/0.2
30/0.25
50/0.25
56/0.3
Current Rating (A)
20
3
6
10
13
15
20
25
Nominal Diameter
10.0
5.6
6.1
6.8
7.2
7.8
8.2
10.0
13.0
Weight (Kg/Km)
154
44
55
74
86
104
120
180
-
Specifications:
Type
Description
2192Y 300/300V
Two-Core Oval, PVC insulated and sheathed flexible mains cables. Harmonized Code Number
HO3VVH2-F2.
3192Y 300/500V
Two-Core Oval, PVC insulated and sheathed flexible mains cables. Harmonized Code Number
HO5VVH2-F.
3182Y 300/500V
Two-Core Round. PVC insulated and sheathed flexible mains cables. Harmonized Code Number
H05VV-F2.
2183Y 300/300V
Three-Core Oval. PVC insulated and sheathed flexible mains cables. Harmonized Code Number
H03VV-F3.
3183Y 300/500V
Three-Core Round. PVC insulated and sheathed flexible mains cables. Harmonized Code Number
H05VV-F3.
Description
Part Number
Cable, Mains, 3Core, 1mm, 100M
CBBR2028
Cable, 3183Y, Orange 2.5mm
CBBR15159
Cable, Mains, 3Core, 2.5mm, 50M
CBBR1514
Cable, Mains, 3Core, 4mm, 50M
CBBR1515-50M
Cable, Mains, 2Core, 0.5mm, 100M
70053918
Cable, Mains, 2Core, 1mm, 100M
CBBR1510
Cable, Mains, 2Core, 1.25mm, 100M
CBBR1511
Cable, 3182Y, Grey, 1.5mm
CBBR15155
Part Number Table



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com