Electronic Components Datasheet Search
  English  ▼

X  

PSG00183 Datasheet(PDF) 1 Page - Pro-Signal

Part # PSG00183
Description  3.5mm Stereo Jack to 2 × RCA/Phono Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

PSG00183 Datasheet(HTML) 1 Page - Pro-Signal

  PSG00183 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
01/04/19
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
3.5mm Stereo Jack to
2
× RCA/Phono Plugs
Dimensions : Millimetres
Diagram
Part Number Table
Description
Part Number
3.5mm Stereo Jack to 2 × RCA/Phono Plugs
PSG00183
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. pro - SIGNAL is the registered trademark of Premier Farnell Limited 2019.
Specifications
Connector Type A : 3.5mm Stereo Jack Socket
Connector Type B : RCA/Phono Plugs (2)
Jacket Colour
: Black
Cable Length
: 0.1m (4″)


Similar Part No. - PSG00183

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PSG00103 MULTICOMP-PSG00103 Datasheet
142Kb / 1P
3.5mm Stereo Plug to 3.5mm Stereo Jack
V1.0 28/08/20
PSG00104 MULTICOMP-PSG00104 Datasheet
143Kb / 1P
3.5mm Stereo Plug to 3.5mm Stereo Jack
V1.0 28/08/20
PSG00106 MULTICOMP-PSG00106 Datasheet
165Kb / 1P
Yellow 12-10 AWG Female Disconnect
V1.0 03/04/20
logo
Pro-Signal
PSG00108 PROSIGNAL-PSG00108 Datasheet
197Kb / 1P
Cable Assembly 3.5mm Mono Plug to Plug
28/06/24 V1.0
logo
Multicomp Pro
PSG00116 MULTICOMP-PSG00116 Datasheet
135Kb / 1P
RCA Plug-to-RCA Plug Cable Assembly Yellow PVC Moulding
V1.0 08/09/20
More results

Similar Description - PSG00183

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK-AV206-R ASSMANN-AK-AV206-R Datasheet
86Kb / 1P
RCA 2 Plug to RCA 2 Jack Cable
logo
CUI INC
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
logo
Tripp Lite. All Rights ...
P314-006 TRIPPLITE-P314-006 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 6-ft.
P314-012 TRIPPLITE-P314-012 Datasheet
156Kb / 2P
3.5mm Mini Stereo to 2-RCA Audio Y Splitter Adapter Cable (3.5mm M to 2x RCA M), 12-ft.
logo
CUI INC
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
logo
Electronic Components L...
CP30231 CLIFF-CP30231 Datasheet
458Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com