Electronic Components Datasheet Search
  English  ▼

X  

PCT2075 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCT2075
Description  I2C-bus Fm, 1 C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCT2075 Datasheet HTML 8Page - NXP Semiconductors PCT2075 Datasheet HTML 9Page - NXP Semiconductors PCT2075 Datasheet HTML 10Page - NXP Semiconductors PCT2075 Datasheet HTML 11Page - NXP Semiconductors PCT2075 Datasheet HTML 12Page - NXP Semiconductors PCT2075 Datasheet HTML 13Page - NXP Semiconductors PCT2075 Datasheet HTML 14Page - NXP Semiconductors PCT2075 Datasheet HTML 15Page - NXP Semiconductors PCT2075 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 10 — 20 November 2017
12 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
Examples of the Temp data and value are shown in Table 12.
For 9-bit Temp data application in replacing the industry standard LM75, just use only
9 MSB bits of the two bytes and disregard 7 LSB of the LSByte. The 9-bit Temp data with
0.5
C resolution of the device is defined exactly in the same way as for the standard
LM75 and it is here similar to the Tos and Thyst registers.
A single byte read (MSByte) of the Temp register is allowed. Then the temperature
resolution is 1.00
C instead.
7.4.4 Overtemperature shutdown threshold (Tos) and hysteresis (Thyst) registers
These two registers, are write/read registers, and also called set-point registers. They are
used to store the user-defined temperature limits, called overtemperature shutdown
threshold (Tots) and hysteresis temperature (Thys), for the device watchdog operation. At
the end of each conversion the Temp data is compared with the data stored in these two
registers in order to set the state of the device OS output; see Section 7.1.
Each of the set-point registers contains two 8-bit data bytes consisting of one MSByte and
one LSByte in the same format as the Temperature register. However, only 9 bits of the
two bytes are used to store the set-point data in two’s complement format with the
resolution of 0.5
C. Table 13 and Table 14 show the bit arrangement of the Tos data and
Thyst data in the data bytes.
Notice that because only 9-bit data are used in the set-point registers, the device uses
only the 9 MSB of the Temp data for data comparison.
Table 12.
Temp register value
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
011 1111 1000
3F8
1016
+127.000
C
011 1111 0111
3F7
1015
+126.875
C
011 1111 0001
3F1
1009
+126.125
C
011 1110 1000
3E8
1000
+125.000
C
000 1100 1000
0C8
200
+25.000
C
000 0000 0001
001
1
+0.125
C
000 0000 0000
000
0
0.000
C
111 1111 1111
7FF
1
0.125 C
111 0011 1000
738
200
25.000 C
110 0100 1001
649
439
54.875 C
110 0100 1000
648
440
55.000 C
Table 13.
Tos register
MSByte
LSByte
76
54
32
10
76
54
32
10
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com