Electronic Components Datasheet Search
  English  ▼

X  

TMP512 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP512
Description  TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
6.5 Electrical Characteristics (continued)
Over free-air temperature range at TA = –40°C to 125°C and VDD = 1.62V to 5.5V (unless otherwise noted); Typical
specifications are at TA = 25°C and VDD = 3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD_SD
Shutdown current
Serial bus inactive
TA = 25°C
0.5
0.8
μA
TA = –40°C to 125°C
5
μA
Serial bus active. fs = 400kHz
6.9
μA
Serial bus active. fs = 1MHz
15.2
μA
VPOR
Power-on reset threshold
voltage
Supply rising
1.2
1.4
V
Brownout detect
Supply falling
1.0
1.1
V
tPOR
Device initialization time
15
ms
(1)
Repeatability is the ability to reproduce a reading when the measured temperature is applied consecutively, under the same conditions.
(2)
Quiescent current between conversions in continuous conversion mode
6.6 I2C Interface Timing
minimum and maximum specifications are over –40°C to 125°C and VDD = 1.62V to 5.5V (unless otherwise noted)(1)
STANDARD MODE
FAST MODE
FAST MODE PLUS
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
f(SCL)
SCL operating frequency(2)
1
100
1
400
1
1000
kHz
t(BUF)
Bus-free time between STOP and START
conditions
4.7
–
1.3
–
0.5
–
µs
t(SUSTA)
Repeated START condition setup time
4.7
–
0.6
–
0.26
–
µs
t(HDSTA)
Hold time after repeated START condition.
After this period, the first clock is generated.
4.0
–
0.6
–
0.26
–
µs
t(SUSTO)
STOP condition setup time
4.0
–
0.6
–
0.26
–
µs
t(HDDAT)
Data hold time(3)
0
3450
0
900
0
150
ns
t(SUDAT)
Data setup time
250
–
100
–
50
–
ns
t(LOW)
SCL clock low period
4.7
–
1.3
–
0.5
–
µs
t(HIGH)
SCL clock high period
4.0
–
0.6
–
0.26
–
µs
t(VDAT)
Data valid time (data response time)(4)
–
3.45
0.9
–
0.45
µs
tR
Clock and data rise time(5)
–
1000
20
300
–
120
ns
tF
Clock and data fall time
–
300
20 ×
(VDD /
5.5V)
300
20 ×
(VDD /
5.5V)
120
ns
(1)
The controller and target have the same I/O supply value. Values are based on statistical analysis of samples tested during initial
release.
(2)
The TMP4719 is equipped with a 50ns spike filter on both SCL and SDA lines. The filter allows the device to be used alongside I3C
devices without impacting the communication.
(3)
The maximum t(HDDAT) can be 3.45µs and 0.9µs for Standard Mode and Fast Mode, but must be less than the maximum of t(VDAT) by a
transition time.
(4)
t(VDAT) = time for data signal from SCL LOW to SDA output (HIGH to LOW, depending on which is worse).
(5)
The TMP4719 is not sensitive to rise and fall time.
www.ti.com
TMP4719
SBOSAJ7 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMP4719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com